전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CSD25501F3.B 데이터시트(PDF) 11 Page - Texas Instruments

부품명 CSD25501F3.B
상세설명  CSD25501F3 –20V P-Channel FemtoFET™ MOSFET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI2 [Texas Instruments]
홈페이지  https://www.ti.com
Logo TI2 - Texas Instruments

CSD25501F3.B 데이터시트(HTML) 11 Page - Texas Instruments

Back Button CSD25501F3.B Datasheet HTML 4Page - Texas Instruments CSD25501F3.B Datasheet HTML 5Page - Texas Instruments CSD25501F3.B Datasheet HTML 6Page - Texas Instruments CSD25501F3.B Datasheet HTML 7Page - Texas Instruments CSD25501F3.B Datasheet HTML 8Page - Texas Instruments CSD25501F3.B Datasheet HTML 9Page - Texas Instruments CSD25501F3.B Datasheet HTML 10Page - Texas Instruments CSD25501F3.B Datasheet HTML 11Page - Texas Instruments CSD25501F3.B Datasheet HTML 12Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
www.ti.com
EXAMPLE STENCIL DESIGN
2X (0.15)
(0.4)
2X (0.25)
2X (0.2)
(0.4)
(0.5)
(0.15)
(R0.05) TYP
(0.175)
4223685/A 05/2017
PicoStar
- 0.22 mm max height
YJN0003A
PicoStar
NOTES: (continued)
5. Laser cutting apertures with trapezoidal walls and rounded corners may offer better paste release. IPC-7525 may have alternate
design recommendations.
TM
TM
SOLDER PASTE EXAMPLE
BASED ON 0.075 - 0.1 mm THICK STENCIL
SCALE:50X
PKG
1
2
SYMM
3
2X SOLDER MASK EDGE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com