전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PBAM1AF5002D2B 데이터시트(PDF) 4 Page - APEM

부품명 PBAM1AF5002D2B
상세설명  Piezo switches Ø 30 mm
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  APEM [APEM]
홈페이지  www.apem.com
Logo APEM - APEM

PBAM1AF5002D2B 데이터시트(HTML) 4 Page - APEM

  PBAM1AF5002D2B Datasheet HTML 1Page - APEM PBAM1AF5002D2B Datasheet HTML 2Page - APEM PBAM1AF5002D2B Datasheet HTML 3Page - APEM PBAM1AF5002D2B Datasheet HTML 4Page - APEM PBAM1AF5002D2B Datasheet HTML 5Page - APEM PBAM1AF5002D2B Datasheet HTML 6Page - APEM  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
APEM
www.apem.com
New!
PBA series
Piezo switches Ø 30 mm
Illuminated or non-illuminated
MODEL
STRUCTURE
Non-illuminated, operator height 2.50 mm (.098)
PBAM1
Flush illuminated ring, operator height 2.50 mm (.098)
Translucent ring
PBAM2
Colored ring
PBAM3
Prominent illuminated ring, operator height 5.50 mm (.216)
Translucent ring
PBAM4
Colored ring
PBAM5
Wire colours
: see “Wiring diagrams” on previous pages.
Shown with flying lead terminals
© O-ring
© O-ring
© O-ring



Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com