전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PAMC0106M25DENR.B 데이터시트(PDF) 4 Page - Texas Instruments

부품명 PAMC0106M25DENR.B
상세설명  AMC0106M25 Precision, ±250mV Input, Functionally Isolated, Delta-Sigma Modulator With External Clock
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI2 [Texas Instruments]
홈페이지  https://www.ti.com
Logo TI2 - Texas Instruments

PAMC0106M25DENR.B 데이터시트(HTML) 4 Page - Texas Instruments

  PAMC0106M25DENR.B Datasheet HTML 1Page - Texas Instruments PAMC0106M25DENR.B Datasheet HTML 2Page - Texas Instruments PAMC0106M25DENR.B Datasheet HTML 3Page - Texas Instruments PAMC0106M25DENR.B Datasheet HTML 4Page - Texas Instruments PAMC0106M25DENR.B Datasheet HTML 5Page - Texas Instruments PAMC0106M25DENR.B Datasheet HTML 6Page - Texas Instruments PAMC0106M25DENR.B Datasheet HTML 7Page - Texas Instruments PAMC0106M25DENR.B Datasheet HTML 8Page - Texas Instruments PAMC0106M25DENR.B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
5 Specifications
5.1 Absolute Maximum Ratings
see (1)
MIN
MAX
UNIT
Power-supply voltage
High-side AVDD to AGND
–0.3
6.5
V
Low-side DVDD to DGND
–0.3
6.5
Analog input voltage
INP, INN
AGND – 4
AVDD + 0.5
V
Digital input voltage
CLKIN
DGND – 0.5
DVDD+ 0.5
V
Digital output voltage
DOUT
DGND – 0.5
DVDD + 0.5
V
Transient isolation voltage(2)
AC voltage, t = 60s(3)
570
VRMS
DC voltage, t = 60s(3)
800
VDC
Input current
Continuous, any pin except power-supply pins
–10
10
mA
Temperature
Junction, TJ
150
°C
Storage, Tstg
–65
150
(1)
Operation outside the Absolute Maximum Ratings may cause permanent device damage. Absolute Maximum Ratings do not imply
functional operation of the device at these or any other conditions beyond those listed under Recommended Operating Conditions.
If used outside the Recommended Operating Conditions but within the Absolute Maximum Ratings, the device may not be fully
functional, and this may affect device reliability, functionality, performance, and shorten the device lifetime.
(2)
Common-mode from left-side (pins1-4) to right-side (pins5-8) of the package.
(3)
Cumulative.
5.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V
Charged-device model (CDM), per per ANSI/ESDA/JEDEC JS-002(2)
±1000
(1)
JEDEC document JEP155 states that 500V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250V CDM allows safe manufacturing with a standard ESD control process.
AMC0106M25
SBASAX1 – AUGUST 2024
www.ti.com
4
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: AMC0106M25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com