| 전자부품 데이터시트 검색엔진 |
|
CC2591RGVT.B 데이터시트(PDF) 9 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
CC2591RGVT.B 데이터시트(HTML) 9 Page - Texas Instruments |
|
9 / 26 page ![]() RF_P RXTX RF_N RF_P RXTX RF_N = TLINE inductor CC2591 ANT PAEN EN HGM VDD VDD VDD VDD RF_P RXTX RF_N R151 PAEN EN C111 L112 C161 C11/C12 C101/C102 C131/C132 HGM RXTX C2 LDB182G4520C-110 Balun SMA SMA L111 CC2591 www.ti.com SWRS070B – MARCH 2008 – REVISED SEPTEMBER 2014 5 Applications, Implementation, and Layout NOTE Information in the following applications sections is not part of the TI component specification, and TI does not warrant its accuracy or completeness. TI’s customers are responsible for determining suitability of components for their purposes. Customers should validate and test their design implementation to confirm system functionality. 5.1 CC2591EM Evaluation Module Figure 5-1. CC2591EM Evaluation Module Copyright © 2008–2014, Texas Instruments Incorporated Applications, Implementation, and Layout 9 Submit Documentation Feedback Product Folder Links: CC2591 |