| 전자부품 데이터시트 검색엔진 |
|
CD54HC245F 데이터시트(PDF) 8 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
CD54HC245F 데이터시트(HTML) 8 Page - Texas Instruments |
|
8 / 21 page ![]() 7 Detailed Description 7.1 Overview The CD54HC245, CD54HCT245, and CD74HC245, CD74HCT245 are high-speed octal three-state bidirectional transceivers intended for two-way asynchronous communication between data buses. They have high drive current outputs which enable high-speed operation while driving large bus capacitances. They provide the low power consumption of standard CMOS circuits with speeds and drive capabilities comparable to that of LSTTL circuits. The CD54HC245, CD54HCT245, CD74HC245 and CD74HCT245 allow data transmission of the B bus or from the B bus to the A bus. The logic level at the direction input (DIR) determines the direction. The output enable input (OE), when high, puts the I/O ports in the high-impedance state. The HC/HCT245 is similar in operation to the HC/HCT640 and the HC/HCT643. Functional Block Diagram 7.2 Device Functional Modes Table 7-1. Truth Table Control Inputs(1) Operation OE DIR L L B Data to A Bus L H A Data to B Bus H X Isolation (1) H = High Level, L = Low Level, X = Irrelevant CD54HC245, CD74HC245, CD54HCT245, CD74HCT245 SCHS119B – NOVEMBER 1998 – REVISED JULY 2022 www.ti.com 8 Submit Document Feedback Copyright © 2022 Texas Instruments Incorporated Product Folder Links: CD54HC245 CD74HC245 CD54HCT245 CD74HCT245 |