전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CDCE925PWRG4.B 데이터시트(PDF) 1 Page - Texas Instruments

부품명 CDCE925PWRG4.B
상세설명  CDCE(L)925: Flexible Low Power LVCMOS Clock Generator With SSC Support for EMI Reduction
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI2 [Texas Instruments]
홈페이지  https://www.ti.com
Logo TI2 - Texas Instruments

CDCE925PWRG4.B 데이터시트(HTML) 1 Page - Texas Instruments

  CDCE925PWRG4.B Datasheet HTML 1Page - Texas Instruments CDCE925PWRG4.B Datasheet HTML 2Page - Texas Instruments CDCE925PWRG4.B Datasheet HTML 3Page - Texas Instruments CDCE925PWRG4.B Datasheet HTML 4Page - Texas Instruments CDCE925PWRG4.B Datasheet HTML 5Page - Texas Instruments CDCE925PWRG4.B Datasheet HTML 6Page - Texas Instruments CDCE925PWRG4.B Datasheet HTML 7Page - Texas Instruments CDCE925PWRG4.B Datasheet HTML 8Page - Texas Instruments CDCE925PWRG4.B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
CDCE(L)9xx
Clock
Ethernet
PHY
USB
Controller
WiFi
FPGA
25
MHz
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
CDCE925, CDCEL925
SCAS847I – JULY 2007 – REVISED OCTOBER 2016
CDCE(L)925: Flexible Low Power LVCMOS Clock Generator
With SSC Support for EMI Reduction
1
1 Features
1
•
Member of Programmable Clock Generator
Family
–
CDCEx913: 1-PLL, 3 Outputs
–
CDCEx925: 2-PLL, 5 Outputs
–
CDCEx925: 3-PLL, 7 Outputs
–
CDCEx949: 4-PLL, 9 Outputs
•
In-System Programmability and EEPROM
–
Serial Programmable Volatile Register
–
Nonvolatile EEPROM to Store Customer
Settings
•
Flexible Input Clocking Concept
–
External Crystal: 8 MHz to 32 MHz
–
On-Chip VCXO: Pull Range ±150 ppm
–
Single-Ended LVCMOS Up to 160 MHz
•
Free Selectable Output Frequency Up to
230 MHz
•
Low-Noise PLL Core
–
PLL Loop Filter Components Integrated
–
Low Period Jitter (Typical 60 ps)
•
Separate Output Supply Pins
–
CDCE925: 3.3 V and 2.5 V
–
CDCEL925: 1.8 V
•
Flexible Clock Driver
–
Three User-Definable Control Inputs
[S0/S1/S2], for Example, SSC Selection,
Frequency Switching, Output Enable, or Power
Down
–
Generates Highly Accurate Clocks for Video,
Audio, USB, IEEE1394, RFID, Bluetooth®,
WLAN, Ethernet™, and GPS
–
Generates Common Clock Frequencies Used
With TI-DaVinci™, OMAP™, DSPs
–
Programmable SSC Modulation
–
Enables 0-PPM Clock Generation
•
1.8-V Device Power Supply
•
Wide Temperature Range: –40°C to 85°C
•
Packaged in TSSOP
•
Development and Programming Kit for Easy PLL
Design and Programming (TI Pro-Clock™)
2 Applications
D-TVs,
STBs,
IP-STBs,
DVD
Players,
DVD
Recorders, and Printers
3 Description
The CDCE925 and CDCEL925 are modular PLL-
based low-cost, high-performance, programmable
clock synthesizers, multipliers, and dividers. They
generate up to five output clocks from a single input
frequency. Each output can be programmed in-
system for any clock frequency up to 230 MHz, using
up to two independent configurable PLLs.
The CDCEx925 has a separate output supply pin,
VDDOUT, which is 1.8 V for CDCEL925 and 2.5 V to
3.3 V for CDCE925.
The input accepts an external crystal or LVCMOS
clock signal. In case of a crystal input, an on-chip
load capacitor is adequate for most applications. The
value of the load capacitor is programmable from 0 to
20 pF. Additionally, an on-chip VCXO is selectable
which allows synchronization of the output frequency
to an external control signal, that is, PWM signal.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
CDCEx925
TSSOP (16)
5.00 mm x 4.40 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Typical Application Schematic


유사한 부품 번호 - CDCE925PWRG4.B

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CDCE925PWRG4 TI-CDCE925PWRG4 Datasheet
485Kb / 27P
PROGRAMMABLE 2-PLL VCXO CLOCK SYNTHESIZER WITH 1.8-V, 2.5-V and 3.3-V LVCMOS OUTPUTS
More results

유사한 설명 - CDCE925PWRG4.B

제조업체부품명데이터시트상세설명
logo
Cypress Semiconductor
CY25200 CYPRESS-CY25200 Datasheet
280Kb / 11P
Programmable Spread Spectrum Clock Generator for EMI Reduction
CY25000 CYPRESS-CY25000 Datasheet
271Kb / 10P
Programmable Spread Spectrum Clock Generator for EMI Reduction
CY25200 CYPRESS-CY25200_07 Datasheet
364Kb / 12P
Programmable Spread Spectrum Clock Generator for EMI Reduction
logo
Texas Instruments
CDCS501 TI-CDCS501 Datasheet
309Kb / 10P
SSC Clock Generator/Buffer
logo
Cypress Semiconductor
CY25200 CYPRESS-CY25200_09 Datasheet
380Kb / 11P
Programmable Spread Spectrum Clock Generator for EMI Reduction
CY25200 CYPRESS-CY25200_12 Datasheet
583Kb / 15P
Programmable Spread Spectrum Clock Generator for EMI Reduction
logo
ON Semiconductor
P3MS650100H ONSEMI-P3MS650100H Datasheet
218Kb / 7P
LVCMOS Peak EMI Reduction Clock Generator
August, 2011 ??Rev. 0
P3MS650103H ONSEMI-P3MS650103H Datasheet
156Kb / 7P
LVCMOS Peak EMI Reduction Clock Generator
September, 2011 ??Rev. 0
logo
Texas Instruments
CDCE937 TI1-CDCE937_17 Datasheet
1Mb / 39P
Flexible Low Power LVCMOS Clock Generator With SSC Support For EMI Reduction
logo
Silicon Laboratories
SL38000-15AH SILABS-SL38000-15AH Datasheet
177Kb / 10P
4-PLL Clock Generator with SSC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com