전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DAC7512E/2K5 데이터시트(PDF) 7 Page - Texas Instruments

부품명 DAC7512E/2K5
상세설명  Low-Power, Rail-to-Rail Output, 12-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI2 [Texas Instruments]
홈페이지  https://www.ti.com
Logo TI2 - Texas Instruments

DAC7512E/2K5 데이터시트(HTML) 7 Page - Texas Instruments

Back Button DAC7512E/2K5 Datasheet HTML 3Page - Texas Instruments DAC7512E/2K5 Datasheet HTML 4Page - Texas Instruments DAC7512E/2K5 Datasheet HTML 5Page - Texas Instruments DAC7512E/2K5 Datasheet HTML 6Page - Texas Instruments DAC7512E/2K5 Datasheet HTML 7Page - Texas Instruments DAC7512E/2K5 Datasheet HTML 8Page - Texas Instruments DAC7512E/2K5 Datasheet HTML 9Page - Texas Instruments DAC7512E/2K5 Datasheet HTML 10Page - Texas Instruments DAC7512E/2K5 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
DAC7512
7
SBAS156B
www.ti.com
TYPICAL CHARACTERISTICS: VDD = +5V (Cont.)
At TA = +25°C, +VDD = +5V, unless otherwise noted.
POWER-ON RESET TO 0V
Time (20
µs/div)
Loaded with 2k
Ω to V
DD.
V
DD (1V/div)
V
OUT (1V/div)
HALF-SCALE SETTLING TIME
Time (1
µs/div)
CLK (5V/div)
V
OUT (1V/div)
Half-Scale Code Change
C00
H to 400H
Output Loaded with
2k
Ω and 200pF to GND
HALF-SCALE SETTLING TIME
Time (1
µs/div)
CLK (5V/div)
V
OUT (1V/div)
Half-Scale Code Change
400
H to C00H
Output Loaded with
2k
Ω and 200pF to GND
FULL-SCALE SETTLING TIME
Time (1
µs/div)
CLK (5V/div)
V
OUT (1V/div)
Full-Scale Code Change
FFF
H to 000H
Output Loaded with
2k
Ω and 200pF to GND
FULL-SCALE SETTLING TIME
CLK (5V/div)
V
OUT (1V/div)
Time (1
µs/div)
Full-Scale Code Change
000
H to FFFH
Output Loaded with
2k
Ω and 200pF to GND
SUPPLY CURRENT vs LOGIC INPUT VOLTAGE
0
V
LOGIC (V)
12
3
4
5
2500
2000
1500
1000
500
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com