전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PCF8545ATT/AJ 데이터시트(PDF) 34 Page - NXP Semiconductors

부품명 PCF8545ATT/AJ
상세설명  Universal LCD driver for multiplex rates up to 1:8
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8545ATT/AJ 데이터시트(HTML) 34 Page - NXP Semiconductors

Back Button PCF8545ATT/AJ Datasheet HTML 30Page - NXP Semiconductors PCF8545ATT/AJ Datasheet HTML 31Page - NXP Semiconductors PCF8545ATT/AJ Datasheet HTML 32Page - NXP Semiconductors PCF8545ATT/AJ Datasheet HTML 33Page - NXP Semiconductors PCF8545ATT/AJ Datasheet HTML 34Page - NXP Semiconductors PCF8545ATT/AJ Datasheet HTML 35Page - NXP Semiconductors PCF8545ATT/AJ Datasheet HTML 36Page - NXP Semiconductors PCF8545ATT/AJ Datasheet HTML 37Page - NXP Semiconductors PCF8545ATT/AJ Datasheet HTML 38Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 72 page
background image
PCF8545
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 1 — 13 November 2013
34 of 72
NXP Semiconductors
PCF8545
Universal LCD driver for multiplex rates up to 1:8
8.9.4 RAM filling in 1:8 multiplex drive mode
In the 1:8 multiplex drive mode the RAM is organized in eight rows and 40 columns. The
eight transmitted data bits are placed into eight rows of one display RAM column (see
Figure 24). In order to fill the whole RAM, 40 bytes need to be sent to the PCF8545. After
the last byte sent, the data pointer must be reset before the next RAM content update.
Additional data bytes sent are discarded.
Fig 23. Boundary condition in 1:6 multiplex drive mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72