전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PCF8545 데이터시트(PDF) 20 Page - NXP Semiconductors

부품명 PCF8545
상세설명  Universal LCD driver for multiplex rates up to 1:8
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8545 데이터시트(HTML) 20 Page - NXP Semiconductors

Back Button PCF8545 Datasheet HTML 16Page - NXP Semiconductors PCF8545 Datasheet HTML 17Page - NXP Semiconductors PCF8545 Datasheet HTML 18Page - NXP Semiconductors PCF8545 Datasheet HTML 19Page - NXP Semiconductors PCF8545 Datasheet HTML 20Page - NXP Semiconductors PCF8545 Datasheet HTML 21Page - NXP Semiconductors PCF8545 Datasheet HTML 22Page - NXP Semiconductors PCF8545 Datasheet HTML 23Page - NXP Semiconductors PCF8545 Datasheet HTML 24Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 72 page
background image
PCF8545
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 1 — 13 November 2013
20 of 72
NXP Semiconductors
PCF8545
Universal LCD driver for multiplex rates up to 1:8
8.3 Possible display configurations
The PCF8545 is a versatile peripheral device designed to interface between any
microcontroller to a wide variety of LCD segment or dot matrix displays (see Figure 10). It
can drive multiplexed LCD with 4, 6, or 8 backplanes and up to 44 segments.
The display configurations possible with the PCF8545 depend on the required number of
active backplane outputs. A selection of possible display configurations is given in
Table 22.
[1]
7 segment display has 8 elements including the decimal point.
[2]
14 segment display has 16 elements including decimal point and accent dot.
All of the display configurations in Table 22 can be implemented in the typical systems
shown in Figure 11 and Figure 12.
Fig 10. Example of displays suitable for PCF8545
Table 22.
Selection of display configurations
Number of
Digits/Characters
Dot matrix/
Elements
Backplanes
Segments
Icons
7 segment[1]
14 segment[2]
8
40
320
40
20
320
6
42
252
31
15
252
4
44
176
22
11
176



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72