| 전자부품 데이터시트 검색엔진 |
|
STM32F446ME 데이터시트(PDF) 31 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F446ME 데이터시트(HTML) 31 Page - STMicroelectronics |
|
31 / 202 page ![]() DocID027107 Rev 6 31/202 STM32F446xC/E Functional overview 40 3.21 Timers and watchdogs The devices include two advanced-control timers, eight general-purpose timers, two basic timers and two watchdog timers. All timer counters can be frozen in debug mode. Table 6 compares the features of the advanced-control, general-purpose and basic timers. Table 6. Timer feature comparison Timer type Timer Counter resolution Counter type Prescaler factor DMA request generation Capture/ compare channels Complementary output Max interface clock (MHz) Max timer clock (MHz)(1) Advanced- control TIM1, TIM8 16-bit Up, Down, Up/down Any integer between 1 and 65536 Yes 4 Yes 90 180 General purpose TIM2, TIM5 32-bit Up, Down, Up/down Any integer between 1 and 65536 Yes 4 No 45 90/180 TIM3, TIM4 16-bit Up, Down, Up/down Any integer between 1 and 65536 Yes 4 No 45 90/180 TIM9 16-bit Up Any integer between 1 and 65536 No 2 No 90 180 TIM10, TIM11 16-bit Up Any integer between 1 and 65536 No 1 No 90 180 TIM12 16-bit Up Any integer between 1 and 65536 No 2 No 45 90/180 TIM13, TIM14 16-bit Up Any integer between 1 and 65536 No 1 No 45 90/180 Basic TIM6, TIM7 16-bit Up Any integer between 1 and 65536 Yes 0 No 45 90/180 1. The maximum timer clock is either 90 or 180 MHz depending on TIMPRE bit configuration in the RCC_DCKCFGR register. |