전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM32F446VC 데이터시트(PDF) 86 Page - STMicroelectronics

부품명 STM32F446VC
상세설명  ARM® Cortex®-M4 32b MCUFPU, 225DMIPS, up to 512kB Flash/1284KB RAM, USB OTG HS/FS, 17 TIMs, 3 ADCs, 20 comm. interfaces
PDF  202 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F446VC 데이터시트(HTML) 86 Page - STMicroelectronics

Back Button STM32F446VC Datasheet HTML 82Page - STMicroelectronics STM32F446VC Datasheet HTML 83Page - STMicroelectronics STM32F446VC Datasheet HTML 84Page - STMicroelectronics STM32F446VC Datasheet HTML 85Page - STMicroelectronics STM32F446VC Datasheet HTML 86Page - STMicroelectronics STM32F446VC Datasheet HTML 87Page - STMicroelectronics STM32F446VC Datasheet HTML 88Page - STMicroelectronics STM32F446VC Datasheet HTML 89Page - STMicroelectronics STM32F446VC Datasheet HTML 90Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 202 page
background image
Electrical characteristics
STM32F446xC/E
86/202
DocID027107 Rev 6
Table 26. Typical and maximum current consumption in Sleep mode(1)
Symbol
Parameter
Conditions
fHCLK
(MHz)
Typ
Max
Unit
TA = 25
°C
TA = 25
°C
TA = 25
°C
IDD
Supply
current in
Sleep
mode
all
peripherals
enabled
External
clock,
PLL ON,
Flash on
180
51.2
59.00
77.25
102.00
mA
168(2)
46.8
53.94
66.48
79.40
150
42.2
49.26
60.84
73.41
144(2)
38.6
45.37
55.47
66.96
120
29.3
35.70
42.49
51.46
90
22.8
29.17
34.78
43.12
60
16.3
22.41
27.12
34.83
30
10.1
16.03
19.72
26.86
25
9.0
14.92
18.41
25.38
HSI, PLL
off, Flash
on
16
6.5
13.10
15.1
22.3
8
5.2
12.31
13.5
20.4
4
4.5
11.63
12.5
19.3
2
4.1
11.23
12.0
18.8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More