| 전자부품 데이터시트 검색엔진 |
|
STM32G030K8 데이터시트(PDF) 80 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32G030K8 데이터시트(HTML) 80 Page - STMicroelectronics |
|
80 / 94 page ![]() Electrical characteristics STM32G030x6/x8 80/94 DS12991 Rev 1 tsu(NSS) NSS setup time Slave mode tker + 2 - - ns th(NSS) NSS hold time Slave mode 2 - - tw(CKH) CK high time Master mode 1 / fCK / 2 - 1 1 / fCK / 2 1 / fCK / 2 + 1 tw(CKL) CK low time tsu(RX) Data input setup time Master mode tker + 2 - - Slave mode 3 - - th(RX) Data input hold time Master mode 2 - - Slave mode 1 - - tv(TX) Data output valid time Master mode - 1 2 Slave mode - 10 19 th(TX) Data output hold time Master mode 0 - - Slave mode 7 - - Table 66. USART characteristics Symbol Parameter Conditions Min Typ Max Unit |