전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TSC103ID 데이터시트(PDF) 20 Page - STMicroelectronics

부품명 TSC103ID
상세설명  High-voltage, high-side current sense amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSC103ID 데이터시트(HTML) 20 Page - STMicroelectronics

Back Button TSC103ID Datasheet HTML 16Page - STMicroelectronics TSC103ID Datasheet HTML 17Page - STMicroelectronics TSC103ID Datasheet HTML 18Page - STMicroelectronics TSC103ID Datasheet HTML 19Page - STMicroelectronics TSC103ID Datasheet HTML 20Page - STMicroelectronics TSC103ID Datasheet HTML 21Page - STMicroelectronics TSC103ID Datasheet HTML 22Page - STMicroelectronics TSC103ID Datasheet HTML 23Page - STMicroelectronics TSC103ID Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 25 page
background image
Application information
TSC103
20/25
DocID16873 Rev 3
The resistor ratio, K1 = Rg3/Rg1, is internally set to 20 V/V, and the voltage buffer gain, K2,
can be set to 1, 1.25, 2.5, or 5 depending on the voltage applied on the SEL1 and SEL2
pins. Since they define the full-scale output range of the application, the Rsense resistor and
the amplification gain Av are important parameters and must therefore be selected carefully.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25