전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

20-810-059 데이터시트(PDF) 2 Page - Premier Farnell Limited.

부품명 20-810-059
상세설명  HSS Long Series Drills
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DURATOOL [Premier Farnell Limited.]
홈페이지  https://cpc.farnell.com/
Logo DURATOOL - Premier Farnell Limited.

20-810-059 데이터시트(HTML) 2 Page - Premier Farnell Limited.

  20-810-059 Datasheet HTML 1Page - Premier Farnell Limited. 20-810-059 Datasheet HTML 2Page - Premier Farnell Limited.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
9.00
115
175
147-7363
——
9.50
115
175
147-7364
——
10.00
121
184
147-7366
——
10.20
121
184
148-5518
——
10.50
121
184
387-1678
——
11.00
128
195
147-7367
——
11.50
128
195
147-7368
——
12.00
205
205
No Order Code
——
12.50
134
205
147-7369
——
13.00
134
205
147-7370
——
13.50
140
214
137-6221
——
14.00
140
214
147-7371
——
14.50
144
220
137-6223
——
15.00
144
220
137-6166
——
15.50
149
227
137-6224
——
16.00
149
227
137-6225
——
16.50
154
235
137-6227
——
17.00
154
235
137-6167
——
17.50
158
241
137-6228
——
18.00
158
241
137-6229
——
18.50
162
247
137-6304
——
19.00
162
247
137-6168
——
19.50
166
254
137-6230
——
20.00
166
254
137-6231
——
Size
Flute Length
Overall Length
(inches)
(mm)
(mm)
Order Code
Price Each
1
⁄16
50
76
387-1733
——
5
⁄64
56
85
387-1745
——
3
⁄32
62
95
387-1757
——
7
⁄64
66
100
387-1769
——
1
⁄8
69
106
387-1770
——
9
⁄64
73
112
387-1782
——
5
⁄32
78
119
387-1794
——
11
⁄64
82
126
387-1800
——
3
⁄16
87
132
387-1812
——
13
⁄64
87
132
387-1824
——
7
⁄32
91
139
387-1836
——
15
⁄64
91
139
387-1848
——
1
⁄4
97
148
387-1850
——
17
⁄64
102
156
387-1861
——
9
⁄32
102
156
387-1873
——
19
⁄64
109
165
387-1885
——
5
⁄16
109
165
387-1897
——
21
⁄64
109
165
387-1903
——
11
⁄32
115
175
387-1915
——
23
⁄64
115
175
387-1927
——
3
⁄8
121
184
387-1939
——
25
⁄64
121
184
387-1940
——
13
⁄32
121
184
387-1952
——
27
⁄64
128
195
387-1964
——
7
⁄16
128
195
387-1976
——
29
⁄64
128
195
387-1988
——
15
⁄32
134
205
387-1990
——
31
⁄64
134
205
387-2002
——
1
⁄2
135
205
387-2014
——
17
⁄32
140
214
137-6250
——
9
⁄16
144
220
137-6252
——
19
⁄32
149
227
137-6253
——
5
⁄8
149
227
147-7355
——
21
⁄32
154
235
137-6307
——
11
⁄16
158
241
137-6169
——
23
⁄32
162
247
137-6254
——
3
⁄4
166
254
137-6255
——
505706
Fractional



Html Pages

1 2