전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

M28840/3CS 데이터시트(PDF) 6 Page - Amphenol PCD, Inc

부품명 M28840/3CS
상세설명  Amphenol PCD now offering a complete line of M28840 Circular Connectors according to MIL-DTL-28840
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMPHENOLPCD [Amphenol PCD, Inc]
홈페이지  https://www.amphenolpcd.com/
Logo AMPHENOLPCD - Amphenol PCD, Inc

M28840/3CS 데이터시트(HTML) 6 Page - Amphenol PCD, Inc

Back Button M28840/3CS Datasheet HTML 2Page - Amphenol PCD, Inc M28840/3CS Datasheet HTML 3Page - Amphenol PCD, Inc M28840/3CS Datasheet HTML 4Page - Amphenol PCD, Inc M28840/3CS Datasheet HTML 5Page - Amphenol PCD, Inc M28840/3CS Datasheet HTML 6Page - Amphenol PCD, Inc M28840/3CS Datasheet HTML 7Page - Amphenol PCD, Inc M28840/3CS Datasheet HTML 8Page - Amphenol PCD, Inc M28840/3CS Datasheet HTML 9Page - Amphenol PCD, Inc M28840/3CS Datasheet HTML 10Page - Amphenol PCD, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
amphenolpcd.com | M28840@amphenolpcd.com | (978) 624-3400
amphenolpcd.com | M28840@amphenolpcd.com | (978) 624-3400
* Dimensions in (inches) mm
* Dimensions in (inches) mm
10
11
M28840/5 BACKSHELL FOR METAL CORE CONDUIT
M28840/5
16
W
A
DESIGNATION
DASH #
MATERIAL & FINISH
BACKSHELL STYLE
QPL: M28840/5
Commercial: IN28840/5
See Table A
W: Aluminum, Cadmium Plate, O.D. over Electroless Nickel
S: Aluminum -Zinc Nickel, Non-Reflective
L: Aluminum-Tin-Zinc, Non-Reflective (Commercial only)
A: EMI, Non-Environmental
B: EMI, Environmental
TABLE A
DASH #
Military
Shell Size
Shell Size
Conduit Size
L
.12 (3.05)
Working Room Ref.
V
Thread Class 2
M Ø Max.
Y Ø Max.
01
A
11
03
(1.75) 44.45
(1.00) 25.4
1.00-20 UNEF
(1.12) 28.45
1.19 (30.23)
02
B
13
03
B
13
04
1.188-18 UNEF
(1.25) 31.8
(1.38) 35.1
04
C
15
03
1.000-20 UNEF
(1.12) 28.5
(1.19) 30.23
05
C
15
04
1.188-30 UNEF
(1.25) 31.8
(1.38) 35.1
06
C
15
05
1.438-18 UNEF
(1.43) 36.3
(1.63) 41.4
07
C
15
06
(3.00) 76.2
1.750-18 UNS
(1.62) 41.2
(1.94) 49.3
08
D
17
05
(2.25) 57.15
(1.50) 38.10
1.438-18 UNEF
(1.43) 36.3
(1.63) 41.4
09
D
17
06
1.750-18 UNS
(1.62) 41.2
(1.94) 49.3
10
D
17
08
(2.00) 50.80
2.00-18 UNS
(1.81) 46.0
(2.19) 55.6
11
E
19
05
(1.50) 38.10
1.438-18 UNEF
(1.43) 36.3
(1.63) 41.4
12
E
19
06
1.750-18 UNEF
(1.62) 41.2
(1.94) 49.3
13
E
19
08
2.00-18 UNS
(1.81) 46.2
(2.19) 55.6
14
F
23
06
(2.75) 69.85
(2.00) 50.80
1.750-18 UNS
(1.62) 41.2
(1.94) 49.3
15
F
23
08
2.00-18 UN
(1.81) 46.0
(2.19) 55.6
16
F
23
10
(3.50) 88.90
2.00-16 UN
(2.18) 55.4
(2.44) 62.0
17
G
25
06
(2.75) 60.85
1.750-18 UN
(1.62) 41.2
(1.94) 49.3
18
G
25
08
2.00-18 UN
(1.81) 46.0
(2.19) 55.6
19
G
25
10
2.250-16 UN
(2.18) 55.4
(2.44) 62.0
20
G
25
12
(4.00) 101.6
(2.50) 63.50
2.500-16 UN
(2.56) 65.0
(2.69) 68.3
21
H
29
10
(3.25) 82.55
2.250-16 UN
(2.18) 55.4
(2.44) 62.0
22
H
29
12
2.500-16 UN
(2.56) 65.0
(2.66) 68.3
23
J
33
12
(2.56) 65.0
(2.60) 88.3
24
J
33
16
3.00-16 UN
(3.06) 77.8
(3.18) 81.0
25
A
11
04
(1.75) 44.45
(1.00) 25.4
1.188-18 UNEF
(1.75) 31.75
(1.38) 35.0
+-
TABLE A
DASH #
Military
Shell Size
Shell Size
A
Thread Class 2B
B Ø Max.
C
Thread Class 2
Sealing Range
Max.
Min.
01
A
11
.750-20 UNEF
(1.028) 26.11
.875-20 UNEF
(.63) 16.0
(0.50) 12.7
02
B
13
.875-20 UNEF
(1.141) 28.98
03
B
13
1.000-20 UNEF
(.75) 19.1
(.63) 16.0
04
C
15
1.000-20 UNEF
(1.263) 32.08
.875-20 UNEF
(.63) 16.0
(.50) 12.7
05
C
15
1.000-20 UNEF
(.75) 19.1
(.63 16.0
06
C
15
1.125-18 UNEF
(.88) 22.4
(.75) 19.1
07
C
15
1.250-18 UNEF
(1.00) 25.4
(.88) 22.4
08
D
17
1.250-18 UNEF
(1.387) 35.23
1.125-18 UNEF
(.88) 22.4
(.75) 19.1
09
D
17
1.250-18 UNEF
(1.00) 25.4
(.88) 22.4
10
D
17
1.625-18 UNEF
(1.38) 35.1
(1.19) 30.2
11
E
19
1.250-18 UNEF
(1.513) 38.43
1.125-18 UNEF
(.88) 22.4
(.75) 19.1
12
E
19
1.250-18 UNEF
(1.00) 25.4
(.88) 22.4
13
E
19
1.625-18 UNEF
(1.38) 35.1
(1.19) 30.2
14
F
23
1.438-18 UNEF
(1.703) 45.51
1.250-18 UNEF
(1.00) 25.4
(.88) 22.4
15
F
23
1.625-18 UNEF
(1.38) 35.1
(1.19) 30.2
16
F
23
1.875-18 UNS
(1.63) 41.4
(1.44) 36.6
17
G
25
1.562-18 UNEF
(1.825) 46.35
1.250-18 UNEF
(1.00) 25.4
(.88) 22.4
18
G
25
1.625-18 UNEF
(1.38) 35.1
(1.19) 30.2
19
G
25
1.875-18 UNS
(1.63) 41.4
(1.44) 36.6
20
G
25
2.125-16 UN
(1.88) 47.8
(1.63) 41.4
21
H
29
1.875-16 UN
(2.143) 54.43
1.875-18 UNS
(1.63) 41.4
(1.44) 36.6
22
H
29
2.125-16 UN
(1.88) 47.8
(1.63) 41.4
23
J
33
2.062-16 UNS
(2.329) 59.16
2.125-16 UN
(1.88) 47.8
(1.63) 41.4
24
J
33
2.750-16 UN
(2.38) 60.5
(2.13) 54.1
25
A
11
.750-20 UNEF
(1.028) 26.11
.875-20 UN
(.75) 19.05
(.63) 16.00
M28840/5 BACKSHELL FOR METAL CORE CONDUIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25