전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BUT100 데이터시트(PDF) 3 Page - STMicroelectronics

부품명 BUT100
상세설명  HIGH POWER NPN SILICON TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BUT100 데이터시트(HTML) 3 Page - STMicroelectronics

  BUT100 Datasheet HTML 1Page - STMicroelectronics BUT100 Datasheet HTML 2Page - STMicroelectronics BUT100 Datasheet HTML 3Page - STMicroelectronics BUT100 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
11.00
13.10
0.433
0.516
B
1.47
1.60
0.058
0.063
C
1.50
1.65
0.059
0.065
D
8.32
8.92
0.327
0.351
E
19.00
20.00
0.748
0.787
G
10.70
11.10
0.421
0.437
N
16.50
17.20
0.649
0.677
P
25.00
26.00
0.984
1.023
R
4.00
4.09
0.157
0.161
U
38.50
39.30
1.515
1.547
V
30.00
30.30
1.187
1.193
R
C
D
A
P
G
P003O
TO-3 (version S) MECHANICAL DATA
BUT100
3/4



Html Pages

1 2 3 4