전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DM320003-3 데이터시트(PDF) 20 Page - Microchip Technology

부품명 DM320003-3
상세설명  USB Starter Kit III User’s Guide
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DM320003-3 데이터시트(HTML) 20 Page - Microchip Technology

Back Button DM320003-3 Datasheet HTML 16Page - Microchip Technology DM320003-3 Datasheet HTML 17Page - Microchip Technology DM320003-3 Datasheet HTML 18Page - Microchip Technology DM320003-3 Datasheet HTML 19Page - Microchip Technology DM320003-3 Datasheet HTML 20Page - Microchip Technology DM320003-3 Datasheet HTML 21Page - Microchip Technology DM320003-3 Datasheet HTML 22Page - Microchip Technology DM320003-3 Datasheet HTML 23Page - Microchip Technology DM320003-3 Datasheet HTML 24Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 33 page
background image
PIC32 USB STARTER KIT III
USER’S GUIDE
 2013 Microchip Technology Inc.
DS70005132B-page 19
Appendix A. Board Layout and Schematics
A.1
PIC32 USB STARTER KIT III DEVELOPMENT BOARD BLOCK DIAGRAM
FIGURE A-1:
HIGH-LEVEL BLOCK DIAGRAM OF THE PIC32 USB STARTER KIT III BOARD
PIC32MX470F512L
(PIC24FJ256GB106)
ICSP™
VUSB(1) or
+5V_EXT
Debug USB
Switches
LEDs
+5V EXT
VUSB or
+5V_EXT
+3.3V
USB Host
Device/OTG
(Type micro-A/B)
Host
(Type A)
Note
1:
From Debugger USB Port.
+3.3V
Power
Supply
Power Circuit
Debugger Circuit
USB OTG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com