| 전자부품 데이터시트 검색엔진 |
|
R55FVB 데이터시트(PDF) 33 Page - Banner Engineering Corp. |
|
|
|||||||||||||||||||||||||||||
R55FVB 데이터시트(HTML) 33 Page - Banner Engineering Corp. |
|
33 / 42 page ![]() Fiber Systems 195 More information online at bannerengineering.com Plastic Fiber Optics CORE DIA. MIN. BEND MODEL NUMBER DRAWING & DIMENSIONS (mm) RADIUS (mm) FEATURES TYPICAL RANGE (mm) 1.0 12 PIAT43TMB5 Detailed Dimensions Online 16.5 ø 1.5 25.0 R 12.6 ø2.9 Stainless Braid Over Monocoil 14.0 ø 4.0 ø 3.2 stainless steel 22.9 30.0 1000 15.5 ø 4.6 stainless steel ø 2.2 14.0 3.0 M4 x 0.7 stainless steel M2.5 x 0.45 200 800 400 600 1000 • 90° Angle/Thread 1.0 12 PIF43TMB5 Detailed Dimensions Online ø2.9 Stainless Braid Over Monocoil 15.0 ø 4.0 ø 3.0 stainless steel 6.6 30.0 1000 15.5 ø 4.6 ø 2.2 200 800 400 600 1000 • Smooth ferrule 1.0 12 PIPS43TMB5 Detailed Dimensions Online ø2.9 Stainless Braid Over Monocoil 21.3 51 stainless steel 30.0 1000 ø 4.6 15.5 2.5 3.2 ø 4.0 stainless steel (non-bendable) probe ø 2.2 ø 3.2 ø 1.5 100 50 400 350 150 250 200 300 450 • Smooth ferrule; non-bendable tip 1.0 12 PIT43TMB5 Detailed Dimensions Online ø2.9 Stainless Braid Over Monocoil ø4.0 30.0 1000 13.0 3.0 M2.5 x 0.45 15.5 22.0 M4 x 0.7 ø 4.6 ø 2.2 200 800 400 600 1000 • Thread 1.0 12 PITA43TMB5 Detailed Dimensions Online 25.4 ø 1.47 stainless steel 25.4 R 12.7 ø2.9 Stainless Braid Over Monocoil 14.0 ø 4.0 M4 x 0.7 stainless steel 20.6 30.0 1000 15.5 ø 4.6 ø 2.2 200 800 400 600 1000 • Thread/90° Angle 1.0 12 PITP43TMB5 Detailed Dimensions Online 1000 20.6 30.0 15.5 M4 x 0.7 stainless steel ø 1.9 89.0 6.6 14.0 ø2.9 Stainless Braid Over Monocoil ø 4.6 ø 2.2 ø 4.0 annealed stainless steel (bendable) probe 200 800 400 600 1000 • Thread; bendable tip 0.5 12 PDIT26T5 Detailed Dimensions Online 2X ø 1.0 polyethylene 2X 11.0 2000 2X M3 x 0.5 nickel plated brass 30.0 15.5 ø 4.6 ø 2.2 50 250 100 150 200 300 • Accomplish 2 inspections using only one sensor 1.0 25 PDIT4100U Detailed Dimensions Online 2X ø 2.2 polyethylene 11.0 3.0 305 30480 M4 x 0.7 nickel plated brass M2.5 x 0.045 Contact factory for sensing range. • 30 m duplex fiber cable 1.5 38 PIF66UM.52M.19D Detailed Dimensions Online 13.2 2000 ø 4.75 stainless steel ø 2.2 polyethylene Contact factory for sensing range. • For use with VFT-M8MVS (ambient side) See page 203. ref. model PIL46U ref. model PIL46U LO8FP Detailed Dimensions Online XX.X lens optic M8 x 1 nut compression washer compression gasket mounting nuts • Ultra-long range- extending lens; use with raw plastic fiber ref. model PIT46U ref. model PIT46U L2 Detailed Dimensions Online 9.2 ø 4.3 lens optic ø 4.0 • Range-extending lens • M2.5 thread WORLD-BEAM® QS18 MINI-BEAM® Expert™ Discrete Bargraph Super High Speed High Speed High Power Super High Power D10 SERIES FI22 Indicates lens available for model. See this page for details. Indicates fiber can be Free Cut using Fiber Cutter. See page 197. NA: WORLD-BEAM QS18 not recommended. NA: MINI-BEAM Expert™ not recommended. |