전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

215313 데이터시트(PDF) 1 Page - Molex Electronics Ltd.

부품명 215313
상세설명  Off-the-Shelf (OTS) Discrete Wire Cable Assemblies
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MOLEX [Molex Electronics Ltd.]
홈페이지  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

215313 데이터시트(HTML) 1 Page - Molex Electronics Ltd.

  215313 Datasheet HTML 1Page - Molex Electronics Ltd. 215313 Datasheet HTML 2Page - Molex Electronics Ltd. 215313 Datasheet HTML 3Page - Molex Electronics Ltd. 215313 Datasheet HTML 4Page - Molex Electronics Ltd. 215313 Datasheet HTML 5Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
DATASHEET
Off-the-Shelf (OTS)
Discrete Wire Cable Assemblies
OTS Discrete Wire Cable Assemblies were designed with the largest wire gauge that connectors
can accommodate to meet any prototype requirement on the market. Discrete Cables reduce
engineering (mechanical and electrical) and purchasing time needed to qualify a cable.
In addition, they are crimped in an automated press eliminating the risk of poor crimping
during prototyping. These cables are great for prototyping all the way into mass production.
Pico-Clasp 1.00mm Pitch
Pico-Lock 1.00mm Pitch
Micro-Lock Plus 1.25mm Pitch
Pico-EZmate 1.20mm Pitch
CLIK-Mate 1.25mm Pitch
PicoBlade 1.25mm Pitch
CLIK-Mate 1.50mm Pitch
Pico-Lock 1.50mm Pitch
CLIK-Mate 2.00mm Pitch
Pico-SPOX 1.50mm Pitch
DuraClik 2.00mm Pitch
EdgeLock 2.00mm Pitch
iGrid 2.00mm Pitch
MicroClasp 2.00mm Pitch
Micro-Latch 2.00 Pitch
Micro-Lock Plus 2.00mm Pitch
Micro-One 2.00mm Pitch
Milli-Grid 2.00mm Pitch
Pico-Lock 2.00mm Pitch
Mini-Lock 2.50mm Pitch
KK Plus 250
Nano-Fit 2.50mm Pitch
Micro-Fit 3.00mm Pitch
KK and KK Plus 3.96mm Pitch
Ultra-Fit 3.50mm Pitch
Mini50 2.00mm Pitch
Zero-Hachi 0.80mm Pitch
C-Grid III 2.54mm Pitch
KK 254 2.54mm Pitch
SL (Positive Latch) 2.54mm Pitch


유사한 부품 번호 - 215313

제조업체부품명데이터시트상세설명
logo
Molex Electronics Ltd.
2153131021 MOLEX-2153131021 Datasheet
327Kb / 1P
MizuP25 P-S 2ckt 300mm Sn
2020/07/20
2153131022 MOLEX-2153131022 Datasheet
327Kb / 1P
MizuP25 P-S 2ckt 300mm Sn
2020/07/20
2153131023 MOLEX-2153131023 Datasheet
327Kb / 1P
MizuP25 P-S 2ckt 300mm Sn
2020/07/20
2153131031 MOLEX-2153131031 Datasheet
336Kb / 1P
MizuP25 P-S 3ckt 150mm Sn
2020/07/23
2153131032 MOLEX-2153131032 Datasheet
336Kb / 1P
MizuP25 P-S 3ckt 150mm Sn
2020/07/23
More results

유사한 설명 - 215313

제조업체부품명데이터시트상세설명
logo
Molex Electronics Ltd.
0151340201 MOLEX1-0151340201 Datasheet
41Kb / 1P
PicoBlade-to-PicoBlade Off-the-Shelf (OTS) Cable Assembly, Single Row
0151340505 MOLEX1-0151340505 Datasheet
43Kb / 1P
PicoBlade-to-PicoBlade Off-the-Shelf (OTS) Cable Assembly, Single Row,
0151350205 MOLEX1-0151350205 Datasheet
49Kb / 1P
CLIK-Mate-to-CLIK-Mate Off-the-Shelf (OTS) Cable Assembly, Single Row,CLIK-Mate??to-CLIK-Mate??Off-the-Shelf (OTS) Cable Assembly, Single Row,
0151350301 MOLEX1-0151350301 Datasheet
51Kb / 1P
CLIK-Mate-to-CLIK-Mate Off-the-Shelf (OTS) Cable Assembly, Single Row,CLIK-Mate??to-CLIK-Mate??Off-the-Shelf (OTS) Cable Assembly, Single Row,
0151340402 MOLEX1-0151340402_18 Datasheet
46Kb / 1P
PicoBlade-to-PicoBlade Off-the-Shelf (OTS) Cable Assembly, Single Row, 150.00mm
0151340500 MOLEX1-0151340500_18 Datasheet
43Kb / 1P
PicoBlade-to-PicoBlade Off-the-Shelf (OTS) Cable Assembly, Single Row, 50.00mm
0151340700 MOLEX1-0151340700_18 Datasheet
46Kb / 1P
PicoBlade-to-PicoBlade Off-the-Shelf (OTS) Cable Assembly, Single Row, 50.00mm
0151340805 MOLEX1-0151340805_18 Datasheet
47Kb / 1P
PicoBlade-to-PicoBlade Off-the-Shelf (OTS) Cable Assembly, Single Row, 450.00mm
0151340806 MOLEX1-0151340806_18 Datasheet
47Kb / 1P
PicoBlade-to-PicoBlade Off-the-Shelf (OTS) Cable Assembly, Single Row, 600.00mm
0151341003 MOLEX1-0151341003_18 Datasheet
46Kb / 1P
PicoBlade-to-PicoBlade Off-the-Shelf (OTS) Cable Assembly, Single Row, 300.00mm
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com