전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM32G0 데이터시트(PDF) 25 Page - STMicroelectronics

부품명 STM32G0
상세설명  ST portfolio for smartphone platforms
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G0 데이터시트(HTML) 25 Page - STMicroelectronics

Back Button STM32G0 Datasheet HTML 21Page - STMicroelectronics STM32G0 Datasheet HTML 22Page - STMicroelectronics STM32G0 Datasheet HTML 23Page - STMicroelectronics STM32G0 Datasheet HTML 24Page - STMicroelectronics STM32G0 Datasheet HTML 25Page - STMicroelectronics STM32G0 Datasheet HTML 26Page - STMicroelectronics STM32G0 Datasheet HTML 27Page - STMicroelectronics STM32G0 Datasheet HTML 28Page - STMicroelectronics STM32G0 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 32 page
background image
The main STMicroelectronics devices in the display domain are AMOLED PMIC and touch
controllers.
The fully integrated power-management ICs (PMICs) for AMOLED displays combine a low quiescent
a low quiescent current and enhanced flexibility to extend the battery runtime of portable devices.
The trademark FingerTip touch controllers for both small and large screens provide an optimal mix
of ultralow power, small size, and low external part count.
The proprietary ST low-noise capacitive analog front-end ensures very low intrinsic noise, ensuring
the high sensitivity required in new AMOLED displays. The innovative node compensation hardware
provides consistent touch performance across the display panel, including curved and trench areas.
ALS are used to dim the display backlight (photopic lux level), but also to adapt the display tone based on corelated color
temperature (CCT) measurement. Light flicker detection is also available for the smartphone corner camera.
AMBIENT LIGHT SENSOR BLOCK DIAGRAM
Protection
Display domain
LD0
ALS
Vbat
AMOLED
display driver
EEPROM
Touch
controller
AMOLED
DC-DC
Vbat
Haptic driver
25
Display
Subsystem



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32