전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

WR06 데이터시트(PDF) 2 Page - Multicomp Pro

부품명 WR06
상세설명  Thick Film General Purpose Chip Resistors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MULTICOMP [Multicomp Pro]
홈페이지  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

WR06 데이터시트(HTML) 2 Page - Multicomp Pro

  WR06 Datasheet HTML 1Page - Multicomp Pro WR06 Datasheet HTML 2Page - Multicomp Pro WR06 Datasheet HTML 3Page - Multicomp Pro WR06 Datasheet HTML 4Page - Multicomp Pro WR06 Datasheet HTML 5Page - Multicomp Pro WR06 Datasheet HTML 6Page - Multicomp Pro WR06 Datasheet HTML 7Page - Multicomp Pro WR06 Datasheet HTML 8Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Page <2>
V1.0
07/05/25
Thick Film General Purpose Chip Resistors
WR12, WR08, WR06, WR04
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
sg.element14.com/b/multicomp-pro
Note:
1. This is the maximum voltage that may be continuously supplied to the resistor element, see “IEC publication 60115-8”
2. Max. Operation Voltage: So called RCWV (Rated Continuous Working Voltage) is determined by
RCWV = √ Rated Power × Resistance Value or Max. RCWV listed above, whichever is lower.
3. The resistance of Jumper is defined <0.05Ω
Diagram
Marking
3-digits marking (±1%: 0603)
WR12
WR08
WR06
WR04
L
3.1 ± 0.1
2 ± 0.1
1.6 ± 0.1
1 ± 0.05
W
1.6 ± 0.1
1.25 ± 0.1
0.8 ± 0.1
0.50 ± 0.05
T
0.6 ± 0.15
0.5 ± 0.15
0.45 ± 0.15
0.35 ± 0.05
Tb
0.45 ± 0.2
0.4 ± 0.2
0.3 ± 0.15
0.25 ± 0.1
Tt
0.5 ± 0.2
0.4 ± 0.2
0.3 ± 0.1
0.2 ± 0.1
Dimensions : Millimetres
Size \ Nr. of digit of code\tolerance
±5%
±1%
1206 (3216)
3-digits marking
4-digits marking
0805 (2012)
3-digits marking
4-digits marking
0603 (1608)
3-digits marking
3-digits marking
0402(1005)
NO MARKING
3-digits marking (±5% : 1206 & 0805 & 0603)
Each resistor is marked with a three digits code on the protective coating to designate the nominal resistance value.
Nominal resistance
Description
1. E-24 series
As 0603 WR06X ±5%.
2. E-96 series
The 1st two digit codes are referring to the CODE on the table, the 3rd code is the index of
resistance value :
Y=10-2, X=10-1, A=10⁰, B=101,C=10², D=10³, E=10⁴, F=10⁵
EX : 17.8Ω=25X, 178Ω=25A, 1K78 =25B
17K8=25C, 178K=25D, 1M78=25E
3. Remark
There is no marking for the items are not under E-24 and E-96 series
CODE R_value CODE R_value CODE R_Value CODE
R_val-
ue
CODE
R_val-
ue
CODE
R_val-
ue
CODE
R_val-
ue
CODE
R_val-
ue
01
100
13
133
25
178
37
237
49
316
61
422
73
562
85
750
02
102
14
137
26
182
38
243
50
324
62
432
74
576
86
768
03
105
15
140
27
187
39
249
51
332
63
442
75
590
87
787



Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com