전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SN74AC00 데이터시트(PDF) 5 Page - Texas Instruments

부품명 SN74AC00
상세설명  SN74AC00-Q1 Automotive Quadruple 2-Input NAND Gates
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI2 [Texas Instruments]
홈페이지  https://www.ti.com
Logo TI2 - Texas Instruments

SN74AC00 데이터시트(HTML) 5 Page - Texas Instruments

  SN74AC00 Datasheet HTML 1Page - Texas Instruments SN74AC00 Datasheet HTML 2Page - Texas Instruments SN74AC00 Datasheet HTML 3Page - Texas Instruments SN74AC00 Datasheet HTML 4Page - Texas Instruments SN74AC00 Datasheet HTML 5Page - Texas Instruments SN74AC00 Datasheet HTML 6Page - Texas Instruments SN74AC00 Datasheet HTML 7Page - Texas Instruments SN74AC00 Datasheet HTML 8Page - Texas Instruments SN74AC00 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
over operating free-air temperature range (unless otherwise noted)
Spec
Description
Condition
MIN
MAX
UNIT
IOH
High-level output current
VCC = 2.5V
-2
mA
IOH
High-level output current
VCC = 3V
-12
mA
VCC = 4.5V to 5.5V
-24
IOL
Low-level output current
VCC = 1.8V
1
mA
IOL
Low-level output current
VCC = 2.5V
2
mA
IOL
Low-level output current
VCC = 3 V
12
mA
VCC = 4.5V to 5.5V
24
Δt/Δv
Input transition rise or fall rate
VCC = 1.5V to 3V
50
ns/V
VCC = 3.6V to 5.5V
20
TA
Operating free-air temperature
-40
125
°C
5.4 Thermal Information
PACKAGE
PINS
THERMAL METRIC(1)
UNIT
RθJA
RθJC(top)
RθJB
ΨJT
ΨJB
RθJC(bot)
PW (TSSOP)
14
145.7
76.5
102.0
18.8
100.7
N/A
°C/W
BQA (WQFN)
14
91.3
99.4
61.0
14.5
60.8
37.0
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
note.
5.5 Electrical Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
-40°C to 125°C
UNIT
MIN
TYP
MAX
VOH
IOH = -50µA
1.5V
1.4
1.499
V
1.8V
1.7
1.799
2.5V
2.4
2.499
3V
2.9
2.999
4.5V
4.4
4.499
5.5V
5.4
5.499
IOH = -1mA
1.8V
1.44
1.77
IOH = -2mA
2.5V
2
2.4
IOH = -4mA
3V
2.4
2.9
IOH = -12mA
3V
2.4
2.8
IOH = -24mA
4.5V
3.7
4.2
IOH = -24mA
5.5V
4.7
5.2
IOH = -75mA(1)
5.5V
3.85
4.6
IOH = -50mA
5.5V
3.85
4.9
www.ti.com
SN74AC00-Q1
SCASE92A – MARCH 2025 – REVISED MARCH 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com