전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DFR0057 데이터시트(PDF) 13 Page - DFROBOT

부품명 DFR0057
상세설명  Sensor/Motor Drive Board - Version 2.2 (SKU:DFR0057)
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DFROBOT [DFROBOT]
홈페이지  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0057 데이터시트(HTML) 13 Page - DFROBOT

Back Button DFR0057 Datasheet HTML 6Page - DFROBOT DFR0057 Datasheet HTML 7Page - DFROBOT DFR0057 Datasheet HTML 8Page - DFROBOT DFR0057 Datasheet HTML 9Page - DFROBOT DFR0057 Datasheet HTML 10Page - DFROBOT DFR0057 Datasheet HTML 11Page - DFROBOT DFR0057 Datasheet HTML 12Page - DFROBOT DFR0057 Datasheet HTML 13Page - DFROBOT DFR0057 Datasheet HTML 14Page - DFROBOT  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
Header Add LengthCmd
Motor 1 Power
Ratio
Motor 2 Power
Ratio
SUM
0x550xaa0x10 0x02 0x11
S1
S2
SUM
Header
Add
Length
Cmd
SUM
0x55
0xaa
0x10
0x00
0x12
0x21
Header Add Length Cmd M1_ENCODE M2_ENCODE SUM
0x55 0xaa 0x10 0x04 0x12
H
L
H
L
SUM
Header
Add
Length
Cmd
SUM
0x55
0xaa
0x10
0x00
0x13
0x22
Return:
None
Set Motor Power
This commands set the power of the motors.
The value of power ratio S1/S2 is from 0-200. 100(0x64) stands for a full stop. 200(0xC8)
stands for the maximum forward power. 0(0x00) stands for the maximum backward power.
Read encoder data
Return:
M1_ENCODE
、M2_ENCODE:Two bytes 16 bit value。Represent the rotation counter of the
motors.
When change the direction of the motor, the encoder needs to be reset.
Example
:
Send:
Read encoders
0x55 0xaa 0x10 0x00 0x12 0x21
Return:
0x55 0xAA 0x10 0x04 0x12 0x00 0x3C 0x03 0x53 0xB7 0x0A
Reset Encoder Reading
This commands reset the encoder’s counters.
Example
Page 13 of 14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14