전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

WR06W000FQL 데이터시트(PDF) 4 Page - Multicomp Pro

부품명 WR06W000FQL
상세설명  Thick Film General Purpose Chip Resistors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MULTICOMP [Multicomp Pro]
홈페이지  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

WR06W000FQL 데이터시트(HTML) 4 Page - Multicomp Pro

  WR06W000FQL Datasheet HTML 1Page - Multicomp Pro WR06W000FQL Datasheet HTML 2Page - Multicomp Pro WR06W000FQL Datasheet HTML 3Page - Multicomp Pro WR06W000FQL Datasheet HTML 4Page - Multicomp Pro WR06W000FQL Datasheet HTML 5Page - Multicomp Pro WR06W000FQL Datasheet HTML 6Page - Multicomp Pro WR06W000FQL Datasheet HTML 7Page - Multicomp Pro WR06W000FQL Datasheet HTML 8Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Page <4>
V1.0
07/05/25
Thick Film General Purpose Chip Resistors
WR12, WR08, WR06, WR04
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
sg.element14.com/b/multicomp-pro
Storage and Handling Conditions
1. Products are recommended to be used up within two years since operation date as ensured shelf life. Check solderability
in case shelf life extension is needed.
2. To store products with following condition:
Temperature : 5°C to 40°C
Humidity : 20% to 70% relative humidity
3. Caution:
a. Don’t store products in a corrosive environment such as sulfide, chloride gas, or acid.
It may cause oxdization of electrode, which easily be resulted in poor soldering
b. To store products on the shelf and avoid exposure to moisture.
c. Don’t expose products to excessive shock, vibration, direct sunlight and so on
Soldering Condition follows J-STD-020D
The robust construction of chip resistors allows them to be completely immersed in a solder bath of 260°C for 10 seconds.
Therefore, it is possible to mount Surface Mount Resistors on one side of a PCB and other discrete components on the reverse
(mixed PCBs).
Surface Mount Resistors are tested for solderability at 235°C during 2 seconds. The test condition for no leaching is 260°C for
30 seconds. Typical examples of soldering processes that provide reliable joints without any damage are given in Figure below.
Infrared soldering profile for Chip Resistors
For SnAgCu series solder pase
480 Sec max to Peak
60–120 Sec
60–150 Sec
30 sec min
Time
260
245
217
150
200
25
max. ramp up rate = 3°C/s
max. ramp down rate = 6°C/s
WR12
X
472_
J
T
L
Size code
WR12 : 1206
WR08 : 0805
WR06 : 0603
WR04: 0402
Type code
X :
Jumper
±5%, 1Ω ~ 10MΩ
±1%, 10Ω ~ 1MΩ
W :
±1%, < 10Ω; >1MΩ
Resistance code
±5%, E24: 2 significant
digits followed by no. of zeros
and a blank
4.7Ω = 4R7_
10Ω = 100_
220Ω = 221_
Jumper = 000_
("_" means a blank)
±1%, E24+E96: 3 significant
digits followed by no. of zeros
102Ω =1020
37.4KΩ =3742
Tolerance
F : ±1%
J : ±5%
P : Jumper
Packaging code
T : 7" Reeled taping
Q : 10" Reeled taping
G : 13" Reeled taping
H : 13" reel 50Kpcs
only for 0402
B : Bulk
D : 7" reel 20Kpcs
only for 0402
A : 7" reel 15Kpcs
only for 0402
Termination
code
L
= Sn base
(lead free)
Catalogue Numbers
The resistors have a catalogue number starting with



Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com