전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

WR06W4R7JQL 데이터시트(PDF) 7 Page - Multicomp Pro

부품명 WR06W4R7JQL
상세설명  Thick Film General Purpose Chip Resistors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MULTICOMP [Multicomp Pro]
홈페이지  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

WR06W4R7JQL 데이터시트(HTML) 7 Page - Multicomp Pro

  WR06W4R7JQL Datasheet HTML 1Page - Multicomp Pro WR06W4R7JQL Datasheet HTML 2Page - Multicomp Pro WR06W4R7JQL Datasheet HTML 3Page - Multicomp Pro WR06W4R7JQL Datasheet HTML 4Page - Multicomp Pro WR06W4R7JQL Datasheet HTML 5Page - Multicomp Pro WR06W4R7JQL Datasheet HTML 6Page - Multicomp Pro WR06W4R7JQL Datasheet HTML 7Page - Multicomp Pro WR06W4R7JQL Datasheet HTML 8Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Page <7>
V1.0
07/05/25
Thick Film General Purpose Chip Resistors
WR12, WR08, WR06, WR04
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
sg.element14.com/b/multicomp-pro
Test Condition For Jumper (0Ω)
Item
WR12
WR08
WR06
WR04
Power Rating at 70°C
1/4W
1/8W
1/10W
1/16W
Resistance
MAX. 50mΩ
Rated Current
2A
1.5A
1A
1A
Peak Current
5A
3.5A
3A
2A
Operating Temperature
-55°C to +155° C
Dimensions : Millimetres
Packaging
Paper Tape specifications
Series No.
A
B
W
F
E
WR12
3.6 ±0.2
2 ±0.2
8 ±0.3
3.5 ±0.2
1.75 ±0.1
WR08
2.4 ±0.2
1.65 ±0.2
WR06
1.9 ±0.2
1.1 ±0.2
WR04
1.2 ±0.1
0.7 ±0.1
Series No.
P1
P0
D
T
WR12/WR08
4 ±0.1
4 ±0.1
Ø1.5 +0.1
-0.0
Max. 1
WR06
0.65 ±0.05
WR04
2 ±0.1
0.4 ±0.05



Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com