| 전자부품 데이터시트 검색엔진 |
|
DM330021 데이터시트(PDF) 1 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
DM330021 데이터시트(HTML) 1 Page - Microchip Technology |
|
1 / 12 page ![]() 2018 Microchip Technology Inc. DS50002756A-page 1 dsPIC33CK256MP508 The dsPIC33CK256MP508 Internal Op Amp Motor Control PIM (P/N: MA330041-2) is designed to demonstrate the motor control capabilities of the dsPIC33CK256MP508 device using the internal op amps of the device. The dsPIC33CK256MP508 device is a high- performance, 16-bit Digital Signal Controller (DSC). This Motor Control PIM is designed to take advantage of the high-resolution PWM (with fine edge place- ment) peripheral in the device. The PWM, along with other peripherals, such as the ADC, enable motor control applications. The PIM can be used to demonstrate and develop motor control applications by inserting it in the 100-pin PIM interface header provided on the compatible motor control development boards (see Table 1). The PIM is designed to run a single motor with all the compatible development boards. When operating this PIM on the dsPICDEM™ MCLV-2 Development Board, insert an internal op amp configuration matrix board (see Figure 2) on the J14 header provided on the board. In the case of dsPICDEM MCHV-2/MCHV-3 Development Boards, insert an internal op amp configuration matrix board on to the J4 header (as shown in Figure 2) on the board. The PIM design also supports dual motor control on the Low-Voltage Motor Control Bundle (DV330100). For additional information regarding development boards, refer to the respective user’s guides available on the Microchip web site (www.microchip.com). Table 1 provides information on the hardware versions of the motor control boards that are compatible with this PIM. Refer to the specific motor control board user’s guide for the hardware version identification information. FIGURE 1: dsPIC33CK256MP508 INTERNAL OP AMP MOTOR CONTROL PIM (MA330041-2) FIGURE 2: INTERNAL OP AMP CONFIGURATION BOARD TABLE 1: HARDWARE COMPATIBILITY Development Board Part Number Compatible Hardware Version(s) dsPICDEM™ MCHV Development Board DM330023 Not Compatible dsPICDEM MCLV Development Board DM330021 Not Compatible dsPICDEM MCSM Development Board DM330022 Not Compatible dsPICDEM MCHV-3 Development Board DM330023-3 All Revisions dsPICDEM MCHV-2 Development Board DM330023-2 All Revisions dsPICDEM MCLV-2 Development Board DM330021-2 All Revisions Low-Voltage Motor Control Development Bundle DV330100 All Revisions Warning: Do not connect non-isolated oscilloscope probes to the test points on the PIM while using with the dsPICDEM MCHV-2 or MCHV-3 Development Board. Failure to heed this warning could result in hardware damage. dsPIC33CK256MP508 Motor Control Plug-In Module (PIM) Information Sheet for Internal Op Amp Configuration |
유사한 부품 번호 - DM330021 |
|
유사한 설명 - DM330021 |