전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

K19070KB 데이터시트(PDF) 2 Page - Carl Kammerling International Limited

부품명 K19070KB
상세설명  High security Open and Close shackle hardened steel
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CARL [Carl Kammerling International Limited]
홈페이지  https://www.carlkammerling.com/
Logo CARL - Carl Kammerling International Limited

K19070KB 데이터시트(HTML) 2 Page - Carl Kammerling International Limited

  K19070KB Datasheet HTML 1Page - Carl Kammerling International Limited K19070KB Datasheet HTML 2Page - Carl Kammerling International Limited K19070KB Datasheet HTML 3Page - Carl Kammerling International Limited K19070KB Datasheet HTML 4Page - Carl Kammerling International Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Copyright Carl Kammerling International Ltd
K19070
High Security Padlock 70mm Close Shackle – boxed
5013969902938
83017000
3
K19070X
High Security Padlock 70mm – boxed
5013969902945
83017000
3
K19070KA
High Security Padlock 70mm Close Shackle – boxed
5013969902962
83017000
1
K19070XKA
High Security Padlock 70mm – boxed
5013969902955
83017000
1
K19070MK
High Security Padlock 70mm Close Shackle – boxed
5013969902986
83017000
1
K19070XKA
High Security Padlock 70mm – boxed
5013969902979
83017000
1
Technical product
information
Body – Hardened steel, Pearl Chrome plated
Shackle- Hardened Boron alloy steel, Pearl Chrome plated
Locking mechanism- Pin tumbler cylinder type, 6 pin cylinder, Brass pins
– Driver pin 5 is plain, driver pins 1 to 5 are mushroom type. The cylinder
is protected from drill attack with anti drill plates
Key differs- 49920
Re-keyable – Yes
Security rating:
Type
Security
rating
K19070
14
K19070X
15
Shackle Dimensions:
Shackle
Body
Dimensions mm
Dia
Internal
width
Internal
height
Width
K19070
14
30
20
70
K19070X
14
26
20
70
Use environment- Normal outdoor use
Recommended applications- securing commercial premises, commercial
vehicles, containers, storage units, etc.
Standards compliance
None applicable
User health and safety
information
None applicable
RoHS/WEEE
This product range does not fall within the scope of RoHS or WEEE



Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com