| 전자부품 데이터시트 검색엔진 |
|
DFR0210 데이터시트(PDF) 3 Page - DFROBOT |
|
|
|||||||||||||||||||||||||||||
DFR0210 데이터시트(HTML) 3 Page - DFROBOT |
|
3 / 12 page ![]() NumLabel Description 1 LED Bee1 Indicator LED 2 LED Bee2 Indicator LED 3 RUN/PROG Switch Programming Switch 4 EN Hardware Serial Port Enable Pin for Bee1 and Bee2 5 xBee TX & RX xBee_TX and xBee_RX pins 6 Bee1 Hardware/Software Serial Port Switch "A" → Hardware Serial Port "S" → Software Serial Port 7 Bee2 Hardware/Software Serial Port Switch "A" → Hardware Serial Port "S" → Software Serial Port 8 Reset Arduino Reset 9 Wireless Programming Short DTR when you need the wireless programming function Note: 3. Programmable Switch : Set the switch to "PROG" when you upload a program Set the switch to "RUN", when you use the hardware serial port 5. xBee TX & RX : The silk-screen shows the xBee RX & TX pins, which connect to the Arduino TX & RX ones. It means if you define D2 as Arduino_RX in the code, you should connect to D2 to xBee_TX on the shield. The same goes for Arduino_TX. Tutorial In this Tutorial, we will use two BLE Link modules as wireless modules Requirements Hardware UNO x1 Bees Shield x1 BLE LINK x2 Android or iOS device x1 Software Arduino IDE V1.6.5 Click to Download Arduino IDE from Arduino® Install the APK file into your Android phone Compile the source code into your Apple device |