전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STHS2375A 데이터시트(PDF) 6 Page - STMicroelectronics

부품명 STHS2375A
상세설명  IEEE 802.3af PoE Powered Device (PD) interface controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STHS2375A 데이터시트(HTML) 6 Page - STMicroelectronics

Back Button STHS2375A Datasheet HTML 2Page - STMicroelectronics STHS2375A Datasheet HTML 3Page - STMicroelectronics STHS2375A Datasheet HTML 4Page - STMicroelectronics STHS2375A Datasheet HTML 5Page - STMicroelectronics STHS2375A Datasheet HTML 6Page - STMicroelectronics STHS2375A Datasheet HTML 7Page - STMicroelectronics STHS2375A Datasheet HTML 8Page - STMicroelectronics STHS2375A Datasheet HTML 9Page - STMicroelectronics STHS2375A Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
Summary description
STHS237x
6/20
Figure 1.
Logic diagram
1.
STHS2376A/L devices only.
1.
STHS2376A/L devices only, for other part types No Connect.
Figure 2.
STHS2375A/L, STHS2377A/L pin connections (top view)
Figure 3.
STHS2376A/L pin connections (top view)
Table 2.
Signal names
Pin
Symbol
Description
1ILIM
Inrush Current Limit resistor
2
CLASS
Classification resistor
3
DET
Powered Device Detection resistor
4VSS
Ground on the input side; return power line to PSE
5
RTN
Return power output, negative rail
6
PG
Power Good Output, open drain, active-high (referenced to RTN)
7UVLO (1)
Programmable Undervoltage Lockout input pin
8VDD
Positive Power Supply; common input/output power rail
AI12241
VDD
STHS2375A/L
STHS2376A/L
STHS2377A/L
VSS
UVLO(1)
ILIM
CLASS
RTN
DET
PG
ILIM
CLASS
DET
VSS
VDD
NC
RTN
AI12238
PG
1
2
3
4
8
7
6
5
ILIM
CLASS
DET
VSS
VDD
UVLO
RTN
AI12239
PG
1
2
3
4
8
7
6
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20