| 전자부품 데이터시트 검색엔진 |
|
DFR0505 데이터시트(PDF) 14 Page - DFROBOT |
|
|
|||||||||||||||||||||||||||||
DFR0505 데이터시트(HTML) 14 Page - DFROBOT |
|
14 / 20 page ![]() void setup(){ int signalStrength,dataNum; Serial.begin(115200); sim7000.begin(mySerial); sim7000.turnOFF(); delay(5000); if(sim7000.turnON()){ //Turn ON SIM7000 Serial.println("Turn NO SIM7000"); } if(sim7000.setBaudRate(19200)){ //Set b aud rate from 115200 to 19200 Serial.println("Set baud rate:19200"); }else{ Serial.println("faile to set baud rate"); } while(1){ if(sim7000.init()){ //Init SIM7000 Serial.println("AT command READY"); break; }else{ Serial.println("AT command ERROR"); delay(500); } } while(1){ if(sim7000.initPos()){ Serial.println("Positioning function initialized"); break; }else{ Serial.println("Fail to init positioning function"); delay(500); } } |