| 전자부품 데이터시트 검색엔진 |
|
MFS5600AMMA0ES 데이터시트(PDF) 5 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
MFS5600AMMA0ES 데이터시트(HTML) 5 Page - NXP Semiconductors |
|
5 / 8 page ![]() NXP Communicator NXP Distribution Partners Internal Use Only www.nxp.com 5 BYLink System Power Platform with multi-LV PMICS Learn how NXP’s low-voltage PMIC family may be combined to act as a single integrated solution, due to auto-sync and embedded sequencer features. Go to the training Development tools and Ecosystem The FS56 family is supported by 2 evaluation boards. Evaluation Board Description Image KITFS5600SKTEVM The KITFS5600SKTEVM is a socketed evaluation board featuring the FS5600 dual DC-DC converter. The kit integrates all hardware needed to OTP program the FS5600. It integrates a communication bridge based on the FRDM-K82F freedom board to interface with the FS5600 GUI software interface and fully configure and control the FS5600. KITFS5600FRDMEVM The KITFS5600FRDMEVM is the customer evaluation board featuring the FS5600 dual DC-DC converter. The kit integrates all hardware needed to fully evaluate the FS5600. It integrates a communication bridge based on the FRDM-K82F freedom board to interface with the FS5600 GUI software interface and fully configure and control the FS5600. Tools Support NXP GUI for Automotive PMIC Families Software GUI for NXP's Automotive PMIC products. This application enables users to evaluate the functionality, configure the OTP settings, program the OTP and calculate the thermal efficiency for specific use cases. Downloadable GUI Interface available at PMIC-GUI-SW |