전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MFS5600AMMA7ES 데이터시트(PDF) 5 Page - NXP Semiconductors

부품명 MFS5600AMMA7ES
상세설명  Automotive Dual Buck Regulator and Controller with Voltage Monitors and Watchdog Timer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFS5600AMMA7ES 데이터시트(HTML) 5 Page - NXP Semiconductors

  MFS5600AMMA7ES Datasheet HTML 1Page - NXP Semiconductors MFS5600AMMA7ES Datasheet HTML 2Page - NXP Semiconductors MFS5600AMMA7ES Datasheet HTML 3Page - NXP Semiconductors MFS5600AMMA7ES Datasheet HTML 4Page - NXP Semiconductors MFS5600AMMA7ES Datasheet HTML 5Page - NXP Semiconductors MFS5600AMMA7ES Datasheet HTML 6Page - NXP Semiconductors MFS5600AMMA7ES Datasheet HTML 7Page - NXP Semiconductors MFS5600AMMA7ES Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
NXP Communicator NXP Distribution Partners Internal Use Only
www.nxp.com
5
BYLink System Power Platform with multi-LV PMICS
Learn how NXP’s low-voltage PMIC family may be combined to act as a single
integrated solution, due to auto-sync and embedded sequencer features.
Go to the training
Development tools and Ecosystem
The FS56 family is supported by 2 evaluation boards.
Evaluation Board
Description
Image
KITFS5600SKTEVM
The KITFS5600SKTEVM is a socketed
evaluation board featuring the FS5600
dual DC-DC converter. The kit
integrates all hardware needed to OTP
program the FS5600.
It integrates a communication bridge
based on the FRDM-K82F freedom
board to interface with the FS5600 GUI
software interface and fully configure
and control the FS5600.
KITFS5600FRDMEVM The KITFS5600FRDMEVM is the
customer evaluation board featuring the
FS5600 dual DC-DC converter. The kit
integrates all hardware needed to fully
evaluate the FS5600.
It integrates a communication bridge
based on the FRDM-K82F freedom
board to interface with the FS5600 GUI
software interface and fully configure
and control the FS5600.
Tools Support
NXP GUI for Automotive PMIC Families Software GUI for NXP's Automotive PMIC products. This
application enables users to evaluate the functionality, configure the OTP settings, program the OTP and
calculate the thermal efficiency for specific use cases.
 Downloadable GUI Interface available at PMIC-GUI-SW



Html Pages

1 2 3 4 5 6 7 8