| 전자부품 데이터시트 검색엔진 |
|
KT-3535SY9ZS-RV 데이터시트(PDF) 6 Page - Kingbright Corporation |
|
|
|||||||||||||||||||||||||||||
KT-3535SY9ZS-RV 데이터시트(HTML) 6 Page - Kingbright Corporation |
|
6 / 12 page ![]() SPEC NO: DSAI6709 REV NO: V.3 DATE: JAN/04/2009 PAGE: 6 OF 12 APPROVED: WYNEC CHECKED: Allen Liu DRAWN: D.M.Su ERP: 1212000013 3.5X3.5mm SMD LED WITH CERAMIC SUBSTRATE Designing the Position of LED on a Board. 1.No twist/warp/bent/or other stress shall be applied to the board after mounting LED with solder to avoid a crack of LED package. Refer to the following recommended position and direction of LED. Appropriate LED mounting is to place perpendicularly against the stress affected side . 2.Depending on the position and direction of LED,the mechanical stress on the LED package can be changed. Refer to the following figure. 3.Do not split board by hand.Split with exclusive special tool. 4.If an aluminum circuit board is used,a large stress by thermal shock might cause a solder crack. For this reason,it is recommended an appropriate verification should be taken before use. |