| 전자부품 데이터시트 검색엔진 |
|
DFR0520 데이터시트(PDF) 13 Page - DFROBOT |
|
|
|||||||||||||||||||||||||||||
DFR0520 데이터시트(HTML) 13 Page - DFROBOT |
|
13 / 13 page ![]() DigitalPotWrite(POT0_SEL, POT0_Dn); //set the resistance of POT0 DigitalPotWrite(POT1_SEL, POT1_Dn); //set the resistance of POT1 //DigitalPotWrite(BOTH_POT_SEL, BOTH_POT_Dn); //set the resistance of both potentiometers //DigitalPotWrite(POT0_SHUTDOWN, POT0_Dn); //put POT0 into shu ntdowm mode, ignore the second parameter //DigitalPotWrite(POT1_SHUTDOWN, POT1_Dn); //put POT1 into shu ntdowm mode, ignore the second parameter //DigitalPotWrite(BOTH_POT_SHUTDOWN, BOTH_POT_Dn); //put both potentio meters into shuntdowm mode, ignore the second parameter } void DigitalPotWrite(int cmd, int val) { // constrain input value within 0 - 255 val = constrain(val, 0, 255); // set the CS pin to low to select the chip: digitalWrite(CS_PIN, LOW); // send the command and value via SPI: SPI.transfer(cmd); SPI.transfer(val); // Set the CS pin high to execute the command: digitalWrite(CS_PIN, HIGH); } FAQ For any questions, advice or cool ideas to share, please visit the DFRobot Forum. https://www.dfrobot.com/wiki/index.php/Dual_Digital_Pot_(100K)_SKU:_DFR0520 12‐8‐17 |