전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADC32RF44IRMPR.A 데이터시트(PDF) 26 Page - Texas Instruments

부품명 ADC32RF44IRMPR.A
상세설명  ADC32RF44 Dual-Channel, 14-Bit, 2.6-GSPS, Analog-to-Digital Converter
PDF  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI2 [Texas Instruments]
홈페이지  https://www.ti.com
Logo TI2 - Texas Instruments

ADC32RF44IRMPR.A 데이터시트(HTML) 26 Page - Texas Instruments

Back Button ADC32RF44IRMPR.A Datasheet HTML 22Page - Texas Instruments ADC32RF44IRMPR.A Datasheet HTML 23Page - Texas Instruments ADC32RF44IRMPR.A Datasheet HTML 24Page - Texas Instruments ADC32RF44IRMPR.A Datasheet HTML 25Page - Texas Instruments ADC32RF44IRMPR.A Datasheet HTML 26Page - Texas Instruments ADC32RF44IRMPR.A Datasheet HTML 27Page - Texas Instruments ADC32RF44IRMPR.A Datasheet HTML 28Page - Texas Instruments ADC32RF44IRMPR.A Datasheet HTML 29Page - Texas Instruments ADC32RF44IRMPR.A Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 135 page
background image
26
ADC32RF44
SBAS809A – FEBRUARY 2017 – REVISED MARCH 2017
www.ti.com
Product Folder Links: ADC32RF44
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Feature Description (continued)
9.3.2 Clock Input
The ADC32RF44 sampling clock input includes internal 100-Ω differential termination along with on-chip biasing.
The clock input is recommended to be ac-coupled externally. The input bandwidth of the clock input is
approximately 3 GHz; the clock input impedance is shown with a 100-Ω reference impedance in the smith chart
of Figure 65.
Figure 65. SDD11 of the Clock Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More