전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MB85RC64TAPNF-G-AMERE2 데이터시트(PDF) 14 Page - RAMXEED LIMITED

부품명 MB85RC64TAPNF-G-AMERE2
상세설명  64 K (8 K x 8) Bit I2C
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RAMXEED [RAMXEED LIMITED]
홈페이지  https://www.ramxeed.com/
Logo RAMXEED - RAMXEED LIMITED

MB85RC64TAPNF-G-AMERE2 데이터시트(HTML) 14 Page - RAMXEED LIMITED

Back Button MB85RC64TAPNF-G-AMERE2 Datasheet HTML 10Page - RAMXEED LIMITED MB85RC64TAPNF-G-AMERE2 Datasheet HTML 11Page - RAMXEED LIMITED MB85RC64TAPNF-G-AMERE2 Datasheet HTML 12Page - RAMXEED LIMITED MB85RC64TAPNF-G-AMERE2 Datasheet HTML 13Page - RAMXEED LIMITED MB85RC64TAPNF-G-AMERE2 Datasheet HTML 14Page - RAMXEED LIMITED MB85RC64TAPNF-G-AMERE2 Datasheet HTML 15Page - RAMXEED LIMITED MB85RC64TAPNF-G-AMERE2 Datasheet HTML 16Page - RAMXEED LIMITED MB85RC64TAPNF-G-AMERE2 Datasheet HTML 17Page - RAMXEED LIMITED MB85RC64TAPNF-G-AMERE2 Datasheet HTML 18Page - RAMXEED LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 41 page
background image
MB85RC64TA
14
DS501-00044-5v1-E
ABSOLUTE MAXIMUM RATINGS
*: These parameters are based on the condition that VSS is 0 V.
WARNING: Semiconductor devices can be permanently damaged by application of stress (voltage, current,
temperature, etc.) in excess of absolute maximum ratings. Do not exceed these ratings.
RECOMMENDED OPERATING CONDITIONS
*1: These parameters are based on the condition that VSS is 0 V.
*2: Ambient temperature when only this device is working. Please consider it to be the almost same as the
package surface temperature.
WARNING: The recommended operating conditions are required in order to ensure the normal operation of
the semiconductor device. All of the device's electrical characteristics are warranted when the
device is operated within these ranges.
Always use semiconductor devices within their recommended operating condition ranges.
Operation outside these ranges may adversely affect reliability and could result in device failure.
No warranty is made with respect to uses, operating conditions, or combinations not represented
on the data sheet. Users considering application outside the listed conditions are advised to contact
their representatives beforehand.
Parameter
Symbol
Rating
Unit
Min
Max
Power supply voltage*
VDD
0.5
4.0
V
Input voltage*
VIN
0.5
VDD  0.5 (  4.0)
V
Output voltage*
VOUT
0.5
VDD  0.5 (  4.0)
V
Operation ambient temperature
TA
40
105
C
Storage temperature
Tstg
55
125
C
Parameter
Symbol
Value
Unit
Min
Typ
Max
Power supply voltage*1
VDD
1.8
3.3
3.6
V
Operation ambient temperature*2
TA
40
105
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com