| 전자부품 데이터시트 검색엔진 |
|
AM62A7 데이터시트(PDF) 2 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AM62A7 데이터시트(HTML) 2 Page - Texas Instruments |
|
2 / 247 page ![]() Functional Safety: • Functional Safety-Compliant targeted [Industrial] – Developed for functional safety applications – Documentation will be available to aid IEC 61508 functional safety system design – Systematic capability up to SIL 3 targeted – Hardware Integrity up to SIL 2 targeted – Safety-related certification • IEC 61508 by TÜV SÜD planned • Functional Safety-Compliant targeted [Automotive] – Developed for functional safety applications – Documentation will be available to aid ISO 26262 functional safety system design – Systematic capability up to ASIL D targeted – Hardware integrity up to ASIL B targeted – Safety-related certification • ISO 26262 by TÜV SÜD planned • AEC - Q100 qualified [Automotive] Security: • Secure boot supported – Hardware-enforced Root-of-Trust (RoT) – Support to switch RoT via backup key – Support for takeover protection, IP protection, and anti-roll back protection • Trusted Execution Environment (TEE) supported – Arm TrustZone® based TEE – Extensive firewall support for isolation – Secure watchdog/timer/IPC – Secure storage support – Replay Protected Memory Block (RPMB) support • Dedicated Security Controller with user programmable HSM core and dedicated security DMA & IPC subsystem for isolated processing • Cryptographic acceleration supported – Session-aware cryptographic engine with ability to auto-switch key-material based on incoming data stream • Supports cryptographic cores – AES – 128-/192-/256-Bit key sizes – SHA2 – 224-/256-/384-/512-Bit key sizes – DRBG with true random number generator – PKA (Public Key Accelerator) to Assist in RSA/ECC processing for secure boot • Debugging security – Secure software controlled debug access – Security aware debugging High-Speed Interfaces: • Integrated Ethernet switch supporting (total 2 external ports) – RMII(10/100) or RGMII (10/100/1000) – IEEE1588 (Annex D, Annex E, Annex F with 802.1AS PTP) – Clause 45 MDIO PHY management – Packet Classifier based on ALE engine with 512 classifiers – Priority based flow control – Time Sensitive Networking (TSN) support – Four CPU H/W interrupt Pacing – IP/UDP/TCP checksum offload in hardware • Two USB2.0 Ports – Port configurable as USB host, USB peripheral, or USB Dual-Role Device (DRD mode) – Integrated USB VBUS detection General Connectivity: • 9x Universal Asynchronous Receiver-Transmitters (UART) • 5x Serial Peripheral Interface (SPI) controllers • 6x Inter-Integrated Circuit (I2C) ports • 3x Multichannel Audio Serial Ports (McASP) – Transmit and Receive Clocks up to 50MHz – Up to 4/6/16 Serial Data Pins across 3x McASP with Independent TX and RX Clocks – Supports Time Division Multiplexing (TDM), Inter-IC Sound (I2S), and Similar Formats – Supports Digital Audio Interface Transmission (SPDIF, IEC60958-1, and AES-3 Formats) – FIFO Buffers for Transmit and Receive (256 Bytes) – Support for audio reference output clock • 3x enhanced PWM modules (ePWM) • 3x enhanced Quadrature Encoder Pulse modules (eQEP) • 3x enhanced Capture modules (eCAP) • General-Purpose I/O (GPIO), All LVCMOS I/O can be configured as GPIO • 3x Controller Area Network (CAN) modules with CAN-FD support – Conforms w/ CAN Protocol 2.0 A, B and ISO 11898-1 – Full CAN FD support (up to 64 data bytes) – Parity/ECC check for Message RAM – Speed up to 8Mbps AM62A7, AM62A7-Q1, AM62A3, AM62A3-Q1, AM62A1-Q1 SPRSP77D – MARCH 2023 – REVISED JUNE 2025 www.ti.com 2 Submit Document Feedback Copyright © 2025 Texas Instruments Incorporated Product Folder Links: AM62A7 AM62A7-Q1 AM62A3 AM62A3-Q1 AM62A1-Q1 |