| 전자부품 데이터시트 검색엔진 |
|
TS3121AIYLT 데이터시트(PDF) 27 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TS3121AIYLT 데이터시트(HTML) 27 Page - STMicroelectronics |
|
27 / 34 page ![]() 7.2 SOT23-5 package information Figure 56. SOT23-5 package outline Table 8. SOT23-5 mechanical data Ref. Dimensions Millimeters Inches Min. Typ. Max. Min. Typ. Max. A 0.90 1.20 1.45 0.035 0.047 0.057 A1 0.15 0.006 A2 0.90 1.05 1.30 0.035 0.041 0.051 B 0.35 0.40 0.50 0.014 0.016 0.020 C 0.09 0.15 0.20 0.004 0.006 0.008 D 2.80 2.90 3.00 0.110 0.114 0.118 D1 1.90 0.075 e 0.95 0.037 E 2.60 2.80 3.00 0.102 0.110 0.118 F 1.50 1.60 1.75 0.059 0.063 0.069 L 0.10 0.35 0.60 0.004 0.014 0.024 K 0 degrees 10 degrees 0 degrees 10 degrees TS3121, TS3121A Package information DS14484 - Rev 3 page 27/34 |