전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

22/6P 데이터시트(PDF) 1 Page - Structured Cable Products Inc.

부품명 22/6P
상세설명  6C/22 AWG STRANDED PLENUM
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STRUCTURED-CABLE [Structured Cable Products Inc.]
홈페이지  https://scpcat5e.com/
Logo STRUCTURED-CABLE - Structured Cable Products Inc.

22/6P 데이터시트(HTML) 1 Page - Structured Cable Products Inc.

  22/6P Datasheet HTML 1Page - Structured Cable Products Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Product Number :
Description : 6C/22 AWG STRANDED PLENUM- WHITE- 1000 FT SPOOL
RoHS
22/6P
Conductor :
22 AWG 7x.0097 Bare Copper
Total Cable Weight : 33 kg/km
Final Diameter :
0.160 inches
Insulation : PVC
Jacket : PVC
DC Resistance 25°C:
16.1 Ohms / 1000 ft
Mutual Capacitance : 20.8 pF/ft
Impedance :
84.4 Ohms
Velocity of Prop : 63 %
Inductance. :
1.3 mH/km
Print Notes :
Sequentially marked per 2FT (0 - infinity)
Standard Print :
STRUCTURED CABLE PRODUCTS --- P/N 22/6P ---  (UL) CL2P/CL3P E132885
OR FPLP 75°C (UL) C(UL) CMP FT-6 UNSH 6/C 22 AWG --- ZONE/DEVICE A
B C D E 0 1 2 3 4 5 6 7 8 9 RoHS
Cabled OD Avg: 0.130
Ins Thickness: 0.008
Jkt Thickness: 0.015
Certified: UL CL2P/CL3P OR FPLP/CMP
Flame Rating: Plenum
Max Voltage: 300V
Part Spec Rev: 1
02/03/14
( All of the above values are approximated to within
)
+/- 10%
SPECIFICATION SHEET
www.
scpcat5e.com
sales@scpcat5e.com
1
5-May-2014
Package Weight: 22.50 lbs / 10.23 kgs
NEC Articles: 800, 760, 725
Min. Bend Radius/Minor Axis: 1.12 inches
Operating Temperature : -20°C to 75°C
Standard UL Temp : 75°C


유사한 부품 번호 - 22/6P

제조업체부품명데이터시트상세설명
logo
Structured Cable Produc...
22/6-GY STRUCTURED-CABLE-22/6-GY Datasheet
680Kb / 1P
6C/22 AWG STRANDED PVC
01/21
22/6-GY-500 STRUCTURED-CABLE-22/6-GY-500 Datasheet
358Kb / 1P
6C/22 AWG STRANDED PVC GRAY
01/21
22/6-WT STRUCTURED-CABLE-22/6-WT Datasheet
680Kb / 1P
6C/22 AWG STRANDED PVC
01/21
22/6FPLR STRUCTURED-CABLE-22/6FPLR Datasheet
108Kb / 1P
6C/22AWG SOLID FPLR PVC
22/6SH-500 STRUCTURED-CABLE-22/6SH-500 Datasheet
131Kb / 1P
6C/22AWG STRANDED BC,SHIELDED MULTIPURPOSE/SECURITY CABLE
More results

유사한 설명 - 22/6P

제조업체부품명데이터시트상세설명
logo
General Cable Technolog...
C9012A GENERAL-C9012A Datasheet
71Kb / 1P
6C 22 AWG 7/30 TC PVC / PVC
C9112A GENERAL-C9112A Datasheet
71Kb / 1P
6C 22 AWG 7/30 TC PVC / OAS / PVC
logo
List of Unclassifed Man...
1344189 ETC2-1344189 Datasheet
100Kb / 3P
18 AWG stranded (19x30) TC conductors, plenum, FEP insulation
1345074 ETC2-1345074 Datasheet
99Kb / 3P
18 AWG stranded (19x30) TC conductors, plenum, FEP insulation
1345332 ETC2-1345332 Datasheet
99Kb / 3P
22 AWG stranded (7x30) TC conductors, plenum, FEP insulation,
1345992 ETC2-1345992 Datasheet
99Kb / 3P
22 AWG stranded (7x30) TC conductors, plenum, FEP insulation
1346352 ETC2-1346352 Datasheet
99Kb / 3P
24 AWG stranded (7x32) TC conductors, plenum, FEP insulation,
82442 ETC2-82442 Datasheet
97Kb / 3P
22 AWG stranded (7x30) tinned copper conductors, plenum, FEP insulation
82723 ETC2-82723 Datasheet
99Kb / 3P
22 AWG stranded (7x30) TC conductors, plenum, FEP insulation
1325A ETC2-1325A Datasheet
98Kb / 3P
22 AWG stranded (7x30) TC conductors, plenum, Flamarrest insulation
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com