전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

M28840/20CD1BAP2 데이터시트(PDF) 17 Page - Amphenol PCD, Inc

부품명 M28840/20CD1BAP2
상세설명  Amphenol PCD now offering a complete line of M28840 Circular Connectors according to MIL-DTL-28840
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMPHENOLPCD [Amphenol PCD, Inc]
홈페이지  https://www.amphenolpcd.com/
Logo AMPHENOLPCD - Amphenol PCD, Inc

M28840/20CD1BAP2 데이터시트(HTML) 17 Page - Amphenol PCD, Inc

Back Button M28840/20CD1BAP2 Datasheet HTML 13Page - Amphenol PCD, Inc M28840/20CD1BAP2 Datasheet HTML 14Page - Amphenol PCD, Inc M28840/20CD1BAP2 Datasheet HTML 15Page - Amphenol PCD, Inc M28840/20CD1BAP2 Datasheet HTML 16Page - Amphenol PCD, Inc M28840/20CD1BAP2 Datasheet HTML 17Page - Amphenol PCD, Inc M28840/20CD1BAP2 Datasheet HTML 18Page - Amphenol PCD, Inc M28840/20CD1BAP2 Datasheet HTML 19Page - Amphenol PCD, Inc M28840/20CD1BAP2 Datasheet HTML 20Page - Amphenol PCD, Inc M28840/20CD1BAP2 Datasheet HTML 21Page - Amphenol PCD, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 25 page
background image
amphenolpcd.com | M28840@amphenolpcd.com | (978) 624-3400
amphenolpcd.com | M28840@amphenolpcd.com | (978) 624-3400
* Dimensions in (inches) mm
* Dimensions in (inches) mm
32
33
M28840/23 E NUT
M28840/23
J
W
DESIGNATION
SHELL SIZE
MATERIAL & FINISH
QPL: M28840/23
Commercial: IN28840/23
A: 11
B: 13
C: 15
D: 17
E: 19
F: 23
G: 25
H: 29
J: 33
W: Aluminum, Cadmium Plate, O.D. over Electroless Nickel
S: Aluminum -Zinc Nickel, Non-Reflective
L: Aluminum-Tin-Zinc, Non-Reflective (Commercial only)
TABLE A
Military
Shell Size
Shell Size
A
Thread Class 2B
B Ø Max.
A
11
.750-20 UNEF
(1.028) 26.11
B
13
.875-20 UNEF
(1.14) 26.11
C
15
1.000-20 UNEF
(2.263) 32.08
D
17
1.125-18 UNEF
(1.387) 35.23
E
19
1.250-18 UNEF
(1.513) 38.43
F
23
1.438-18 UNEF
(1.703) 43.51
G
25
1.562-18 UNEF
(1.825) 46.35
H
29
1.876-16 UN
(2.143) 54.43
J
33
2.062-16 UNS
(2.329) 59.16
M28840/24 MOUNTING GASKET
M28840/24
G
A
DESIGNATION
SHELL SIZE
MATERIAL & FINISH
QPL: M28840/24
Commercial: IN28840/24
A: 11
B: 13
C: 15
D: 17
E: 19
F: 23
G: 25
H: 29
J: 33
A - Fluorinated Silicone
B - EMI
TABLE A
Military
Shell Size
Shell Size
A
B Ø
C
D Ø
A
11
(.760) 19.30
(.740) 18.80
(.766) 19.46
(.750) 19.05
(1.039) 26.39
(1.023) 25.98
(.130) 3.30
(.110) 2.79
B
13
(.853) 21.67
(.833) 21.16
(.891) 22.63
(.875) 22.22
(1.154) 29.31
(1.138) 28.90
C
15
(.978) 24.84
(.958) 24.33
(1.078) 27.38
(1.062) 26.97
(1.274) 32.36
(1.258) 31.95
D
17
(1.025) 26.04
(1.005) 25.53
(1.141) 28.98
(1.125) 28.58)
(1.399) 26.39
(1.383) 35.13
E
19
(1.150) 29.21
(1.130) 28.70
(1.338) 33.98
(1.312) 33.32
(1.524) 38.71
(1.508) 38.30
F
23
(1.291) 32.79
(1.271) 32.28
(1.516) 38.51
(1.500) 38.10
(1.734) 44.04
(1.718) 43.64
G
25
(1.402) 35.61
(1.382) 35.10
(1.641) 41.68
(1.625) 41.28
(1.834) 46.58
(1.818) 46.18
(.157) 3.99
(.137) 3.48
H
29
(1.578) 40.08
(1.558) 39.57
(1.891) 48.03
(1.875) 47.62
(2.154) 54.71
(2.138) 54.30
J
33
(1.744) 44.30
(1.724) 43.79
(2.078) 52.78
(2.062) 52.37
(2.344) 59.54
(2.328) 59.13
(.183) 4.65
(.163) 4.14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25