| 전자부품 데이터시트 검색엔진 |
|
M28840/20CB1DAP2 데이터시트(PDF) 5 Page - Amphenol PCD, Inc |
|
|
|||||||||||||||||||||||||||||
M28840/20CB1DAP2 데이터시트(HTML) 5 Page - Amphenol PCD, Inc |
|
5 / 25 page ![]() amphenolpcd.com | M28840@amphenolpcd.com | (978) 624-3400 amphenolpcd.com | M28840@amphenolpcd.com | (978) 624-3400 * Dimensions in (inches) mm * Dimensions in (inches) mm 8 9 TABLE A Military Shell Size Shell Size A Thread Class 2B B Ø Max. C Max. D Max. E Max. Screw Size Ref. Cable Enrty Min. Max. A 11 .750-20 UNEF (1.028) 26.11 (1.071) 27.20 (.929) 23.60 (.903) 22.94 .114-40 (.177) 4.50 (.286) 7.26 B 13 .875-20 UNEF (1.141) 28.98 (1.071) 27.20 (.929) 23.60 (.977) 24.82 .114-40 (.177) 4.50 (.286) 7.26 C 15 1.000-20 UNEF (1.263) 32.08 (1.280) 32.51 (1.056) 26.82 (1.151)29.24 .114-40 (.250) 6.35 (.416) 10.57 D 17 1.125-18 UNEF (1.387) 35.23 (1.392) 35.36 (1.233) 31.32 (1.281) 32.54 .114-40 (.291) 7.39 (.476) 12.09 E 19 1.250-18 UNEF (1.513) 38.43 (1.517) 38.53 (1.296) 32.92 (1.406 ) 35.71 .114-40 (.348) 8.84 (.626) 15.90 F 23 1.438-18 UNEF (1.703) 43.26 (1.642) 41.71 (1.358) 34.49 (1.576) 40.03 .134-32 (.429) 10.90 (.831) 21.11 G 25 1.562-18 UNEF (1.825) 46.36 (1.767) 44.88 (1.420) 36.07 (1.666 ) 42.32 .134-32 (.523) 13.28 (.956) 24.28 H 29 1.875-16 UN (2.143) 54.43 (1.905) 48.39 (1.634) 41.50 (2.046) 51.97 .134-32 (.643) 16.33 (1.081) 27.46 J 33 2.062-16 UNS (2.329) 59.16 (1.968) 49.99 (1.859) 47.22 (2.209) 56.11 .162-32 (.704) 17.88 (1.187) 30.15 M28840/2 90o STRAIN RELIEF BACKSHELL M28840/2 J W DESIGNATION SHELL SIZE MATERIAL & FINISH QPL: M28840/2 Commercial: IN28840/2 A: 11 B: 13 C: 15 D: 17 E: 19 F: 23 G: 25 H: 29 J: 33 W: Aluminum, Cadmium Plate, O.D. over Electroless Nickel S: Aluminum -Zinc Nickel, Non-Reflective L: Aluminum-Tin-Zinc, Non-Reflective (Commercial only) M28840/3 45o STRAIN RELIEF BACKSHELLS M28840/3 J W DESIGNATION SHELL SIZE MATERIAL & FINISH QPL: M28840/3 Commercial: IN28840/3 A: 11 B: 13 C: 15 D: 17 E: 19 F: 23 G: 25 H: 29 J: 33 W: Aluminum, Cadmium Plate, O.D. over Electroless Nickel S: Aluminum -Zinc Nickel, Non-Reflective L: Aluminum-Tin-Zinc, Non-Reflective (Commercial only) TABLE A Military Shell Size Shell Size A Thread Class 2B B Ø Max. C Max. D Max. E Max. Screw Size Ref. Cable Enrty Min. Max. A 11 .750-20 UNEF (1.028) 26.11 (1.091) 27.71 (.929) 23.60 (.903) 22.94 .114-40 (.177) 4.50 (.286) 7.26 B 13 .875-20 UNEF (1.141) 28.98 (1.091) 27.71 (.929) 23.60 (.977) 24.82 .114-40 (.177) 4.50 (.286) 7.26 C 15 1.000-20 UNEF (1.263) 32.08 (1.091) 27.71 (1.056) 26.82 (1.151) 29.24 .114-40 (.250) 6.35 (.416) 10.57 D 17 1.125-18 UNEF (1.387) 35.23 (1.206) 30.63 (1.233) 31.32 (1.281) 32.54 .114-40 (.291) 7.39 (.476) 12.09 E 19 1.250-18 UNEF (1.513) 38.43 (1.320) 33.53 (1.296) 32.92 (1.406) 35.71 .114-40 (.348) 8.84 (.626) 15.90 F 23 1.438-18 UNEF (1.703) 43.26 (1.445) 36.70 (1.358) 34.49 (1.576) 40.03 .134-32 (.429) 10.90 (.831) 21.11 G 25 1.562-18 UNEF (1.825) 46.36 (1.570) 39.88 (1.420) 36.07 (1.666) 42.32 .134-32 (.523) 13.28 (.956) 24.28 H 29 1.875-16 UN (2.143) 54.43 (1.721) 43.71 (1.634) 41.50 (2.046) 51.97 .134-32 (.643) 16.33 (1.081) 27.46 J 33 2.062-16 UNS (2.329) 59.16 (1.908) 48.46 (1.859) 47.22 (2.209) 56.11 .162-32 (.704) 17.88 (1.187)30.15 |