| 전자부품 데이터시트 검색엔진 |
|
M28840/20MC1AAS2 데이터시트(PDF) 3 Page - Amphenol PCD, Inc |
|
|
|||||||||||||||||||||||||||||
M28840/20MC1AAS2 데이터시트(HTML) 3 Page - Amphenol PCD, Inc |
|
3 / 25 page ![]() amphenolpcd.com | M28840@amphenolpcd.com | (978) 624-3400 amphenolpcd.com | M28840@amphenolpcd.com | (978) 624-3400 4 5 M28840 SHIPBOARD CONNECTORS Overview Amphenol, a leading manufacturer of connectors now offers complete line of M28840 circular connectors according to MIL-DTL-28840. These shipboard application connectors are precision-machined, highly reliable, and meet superior mechanical shock performances. These high-density connectors are designed and tested to withstand extreme environmental conditions and demanding applications. Amphenol also offers the full range of backshells to support this connector series. • US Navy shipboard, surface craft and submarines • Mission critical combat and communications systems • Mobile tactical shelters electronic battlefield networks • Mobile emergency telecommunications (MET) stations • Deployable outdoors in harsh environments Applications Features • Precision-machined to MIL-DTL-28840 specification • Available in nine shell sizes: 11, 13, 15, 17, 19, 23, 25, 29 & 33 • Pin count - 7, 12, 21, 31, 42, 64, 92, 121 and 155 • Plating options – Cadmium, Zinc Nickel & Tin Zinc (Commercial only) • Support connectors and kits with accessories • Six keying options (1, 2, 3, 4, 5, 6) for both plugs and receptacles • Contact size is 20 with wire accommodation options from AWG 20 to AWG 28 • Crimp termination, rear insert and front release contacts • Complete line of straight, 90o and 45o backshells Benefits • Fully intermateable and interchangeable with any qualified M28840 connector • Backshell designs for strain relief, EMI and environmental sealing • Options to buy connector kitted with backshell and accessories • Same application tool for all three types of contacts MIL-DTL-28840 SHIPBOARD ELECTRICAL CONNECTORS Performance Specifications Performance Specifications Current Rating Size # 20 contact 20AWG 7.5A, 22AWG 5.0A, 28AWG 1.5A, 30AWG 1.0A Test Voltage 1000 VAC RMS at sea level, test in accordance with EIA-364-20 Insulation Resistance 5000 megohms min. (at ambient temp) per EIA-364-21 Contact Resistance Per SAE-AS39029 Opertaing Temperature -55o C to +200oC Fluid Immersion Test method EIA-364-10 Shock In accordance with MIL-S-901 grade A Vibration In accordance with EIA-364-28 Magnetic Permeability less than 2.0 µ (Aluminum) ASTM-A342/A342M Materials & Finishes Materials & Finishes Shells, Coupling Nuts, Jam Nuts Aluminum Alloy per ASTM B211, or Stainless Steel per AMS-QQ-S-763 Contacts Copper Alloy, 50 microinches Gold plated per ASTM B488 Type 3, Code C Class 1 over nickel underplate per QQ-N-290 Class 2 Socket contact hood: Stainless Steel passivated Insulators High Grade Engineering Plastic Contact Retention Clip Beryllium Copper Grommet Seal Blended Elastomer Plating Cadmium, Zinc Nickel & Tin Zinc (Commercial only) Contact Code Type Contact Specification Contact Size Acceptable Wire Size Outside Ø of Finished Wire Min. Max. F Pin M39029/83-508 20-20 24 22 20 1.02 (.040) 1.02 (.040) G Socket MS39029/84-509 P Pin MS39029/83-450 20-22 26 24 22 S Socket MS39029/84-452 D Pin MS39029/83-451 20-28 32 30 28 E Socket MS39029/84-453 |