| 전자부품 데이터시트 검색엔진 |
|
PBAR1AFB000AX 데이터시트(PDF) 3 Page - APEM |
|
|
|||||||||||||||||||||||||||||
PBAR1AFB000AX 데이터시트(HTML) 3 Page - APEM |
|
3 / 5 page ![]() BASIC PART NUMBER MODELS R1 Bushing Ø 16 (.630), flat R2 Bushing Ø 22 (.866), flat R9 Bushing Ø 19 (.748), flat R2 and R6 not available with illuminated ring. R5 Bushing Ø 16 (.630),with finger location (non-illuminated only) R6 Bushing Ø 22 (.866), with finger location BUILD YOUR PART NUMBER SERIES PBA OPTIONS Blank Non-illum. 0B Blue 0G Green 0S Red 0Y Yellow LED COLORS ELECTRICAL FUNCTION A NO (pulse) A COLORS/MATERIALS B 316L stainless steel B APPROVAL X ATEX X TYPE M One-piece bushing (non-illuminated) A Illuminated ring (Ø 16 and 19 mm) L Illuminated dot (Ø 22 mm) TERMINALS F Flying leads F RATINGS 000 200 mA max. at 6 VAC/DC - 50 mA max. at 24 VAC/DC 000 ATEX approved piezo switches PBA series ABOUT THIS SERIES Instructions for use : see instruction notice NTPBA007. Mounting accessories : Standard hardware supplied : 1 hex nut 10-621 (19 mm ac. flats), 10-855-0 (22 mm ac. flats) or 10-856-0 (25 mm ac. flats), 1 O-Ring and 1 ground connector 3 |