| 전자부품 데이터시트 검색엔진 |
|
PBAR9AFB000AX 데이터시트(PDF) 5 Page - APEM |
|
|
|||||||||||||||||||||||||||||
PBAR9AFB000AX 데이터시트(HTML) 5 Page - APEM |
|
5 / 5 page ![]() FICHIER: CPBAATEX-P21 le 16/01/09 ECHELLE: 0.7 indice A CPBAATEX1-A CPBAATEX2-A CPBAATEX3-A 3.00 (.118) (.250 x .031) 6.35 x 0.8 6.35 x 0.8 (.250 x .031) (.250 x .031) 6.35 x 0.8 AWG24 Ø22.00x1.00 SI (.866DIAx1.00 IS) AWG24 20.00 (.787) (.197) (.118) (.768) 5.00 19.50 3.00 (.748DIAx1.00 IS) Ø19.00x1.00 SI Ø13.50 (.531DIA) (.047) 1.20 1.20 (.047) Ø13.50 (.531DIA) (.177) 4.50 (.197) 5.00 AWG24 Ø16.00x1.00 SI (.630DIAx1.00 IS) (.787) 20.00 ATEX approved piezo switches PBA series Ø22 (.866) BUSHING - WITH ILLUMINATED DOT PBAR2AFB000L•X PBAR6AFB000L•X Ø22 (.866) BUSHING - NON-ILLUMINATED PBAR2AFB000MX FICHIER: CPBAATEX-P21 le 16/01/09 ECHELLE: 0.7 indice A CPBAATEX1-A CPBAATEX2-A CPBAATEX3-A 3.00 (.118) (.250 x .031) 6.35 x 0.8 6.35 x 0.8 (.250 x .031) (.250 x .031) 6.35 x 0.8 AWG24 Ø22.00x1.00 SI (.866DIAx1.00 IS) AWG24 20.00 (.787) (.197) (.118) (.768) 5.00 19.50 3.00 (.748DIAx1.00 IS) Ø19.00x1.00 SI Ø13.50 (.531DIA) (.047) 1.20 1.20 (.047) Ø13.50 (.531DIA) (.177) 4.50 (.197) 5.00 AWG24 Ø16.00x1.00 SI (.630DIAx1.00 IS) (.787) 20.00 PBAR6AFB000MX To order a product, replace • by the LED color code below : 0B Blue 0G Green 0S Red 0Y Yellow 5 |