전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AMC3330 데이터시트(PDF) 16 Page - Texas Instruments

부품명 AMC3330
상세설명  AMC3330 Precision, ±1V Input, Reinforced Isolated Amplifier With Integrated DC/DC Converter
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI2 [Texas Instruments]
홈페이지  https://www.ti.com
Logo TI2 - Texas Instruments

AMC3330 데이터시트(HTML) 16 Page - Texas Instruments

Back Button AMC3330 Datasheet HTML 12Page - Texas Instruments AMC3330 Datasheet HTML 13Page - Texas Instruments AMC3330 Datasheet HTML 14Page - Texas Instruments AMC3330 Datasheet HTML 15Page - Texas Instruments AMC3330 Datasheet HTML 16Page - Texas Instruments AMC3330 Datasheet HTML 17Page - Texas Instruments AMC3330 Datasheet HTML 18Page - Texas Instruments AMC3330 Datasheet HTML 19Page - Texas Instruments AMC3330 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 40 page
background image
5.13 Typical Characteristics (continued)
at VDD = 3.3 V, INP = –1 V to 1 V, INN = HGND = 0V, and fIN = 10 kHz (unless otherwise noted)
Frequency (kHz)
0.01
0.1
1
10
100
1000
100
1000
10000
D017
Figure 5-29. Input-Referred Noise Density vs Frequency
fIN (kHz)
0.01
0.1
1
10
100
1000
-120
-100
-80
-60
-40
-20
0
D038
Figure 5-30. Common-Mode Rejection Ratio vs Input Frequency
Temperature (°C)
-40
-25
-10
5
20
35
50
65
80
95
110 125
-90
-88
-86
-84
-82
-80
D039
fIN = 10 kHz
Figure 5-31. Common-Mode Rejection Ratio vs Temperature
Ripple Frequency (kHz)
0.01
0.1
1
10
100
1000
-120
-100
-80
-60
-40
-20
0
D041
Figure 5-32. Power-Supply Rejection Ratio vs Ripple Frequency
Temperature (°C)
-40
-25
-10
5
20
35
50
65
80
95
110 125
-120
-100
-80
-60
-40
-20
0
D042
Figure 5-33. Power-Supply Rejection Ratio vs Temperature
VDD (V)
3
3.5
4
4.5
5
5.5
22.5
25
27.5
30
32.5
D043
Figure 5-34. Input-Supply Current vs Supply Voltage
AMC3330
SBASA34B – JUNE 2020 – REVISED AUGUST 2024
www.ti.com
16
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: AMC3330



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com