전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STA381BWS 데이터시트(PDF) 169 Page - STMicroelectronics

부품명 STA381BWS
상세설명  Sound Terminal 2.1-channel high-efficiency digital audio system
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA381BWS 데이터시트(HTML) 169 Page - STMicroelectronics

Back Button STA381BWS_V01 Datasheet HTML 165Page - STMicroelectronics STA381BWS_V01 Datasheet HTML 166Page - STMicroelectronics STA381BWS_V01 Datasheet HTML 167Page - STMicroelectronics STA381BWS_V01 Datasheet HTML 168Page - STMicroelectronics STA381BWS_V01 Datasheet HTML 169Page - STMicroelectronics STA381BWS_V01 Datasheet HTML 170Page - STMicroelectronics STA381BWS_V01 Datasheet HTML 171Page - STMicroelectronics STA381BWS_V01 Datasheet HTML 172Page - STMicroelectronics STA381BWS_V01 Datasheet HTML 173Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 169 / 174 page
background image
DocID018937 Rev 7
169/174
STA381BWS
Applications
Figure 48. F3X auxiliary analog output
Note:
For further information, please refer to application note AN3959, 2.0-channel demonstration
board based on the STA381BW and STA381BWS.
8.2
Headphone and 2 Vrms line out
Figure 49. Headphone and line out block diagram
Note:
For further information, please refer to application note AN3959, 2.0-channel demonstration
board based on the STA381BW and STA381BWS.
STA381BWS
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More