| 전자부품 데이터시트 검색엔진 |
|
STA382BWSTR 데이터시트(PDF) 156 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STA382BWSTR 데이터시트(HTML) 156 Page - STMicroelectronics |
|
156 / 172 page ![]() Register description: Sound Terminal compatibility STA382BWS 156/172 Doc ID 022784 Rev 1 7.24 Enhanced zero-detect mute and input level measurement (address 0x50-0x54, 0x2E, 0x2F and 0x5E) The STA382BWS implements an RMS-based zero-detect function (on serial input interface data) able to detect in a very reliable way the presence of an input signal, so that the power bridge outputs can be automatically connected to ground. When active, the function will mute the output PWM when the input level become less than “threshold - hysteresis”. Once muted, the PWM will be unmuted when the input level is detected greater than “threshold + hysteresis”. The measured level is then reported (for each input channel) on registers 0x51 - 0x52, 0x53 - 0x54 according to the following equation: Value_in_dB = 20*Log10(Reg_value/(2 16*0.635)) D7 D6 D5 D4 D3 D2 D1 D0 WTHH WTHL FINETH HSEL[1:0] ZMTH[2:0] 00 00 01 1 1 D7 D6 D5 D4 D3 D2 D1 D0 RMS_CH0[7:0] N/A N/A N/A N/A N/A N/A N/A N/A D7 D6 D5 D4 D3 D2 D1 D0 RMS_CH0[15:8] N/A N/A N/A N/A N/A N/A N/A N/A D7 D6 D5 D4 D3 D2 D1 D0 RMS_CH1[7:0] N/A N/A N/A N/A N/A N/A N/A N/A D7 D6 D5 D4 D3 D2 D1 D0 RMS_CH1[15:8] N/A N/A N/A N/A N/A N/A N/A N/A Obsolete Product(s) - Obsolete Product(s) |