전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STA7360 데이터시트(PDF) 20 Page - STMicroelectronics

부품명 STA7360
상세설명  20 W bridge/stereo audio amplifier with clipping detector
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA7360 데이터시트(HTML) 20 Page - STMicroelectronics

Back Button STA7360 Datasheet HTML 16Page - STMicroelectronics STA7360 Datasheet HTML 17Page - STMicroelectronics STA7360 Datasheet HTML 18Page - STMicroelectronics STA7360 Datasheet HTML 19Page - STMicroelectronics STA7360 Datasheet HTML 20Page - STMicroelectronics STA7360 Datasheet HTML 21Page - STMicroelectronics STA7360 Datasheet HTML 22Page - STMicroelectronics STA7360 Datasheet HTML 23Page - STMicroelectronics STA7360 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
Block description
STA7360
20/28
Doc ID 9814 Rev 4
Figure 30.
New output stage
In contrast, with the circuit of Figure 31, the solution adopted to reduce the gain at high
frequencies is the use of an external RC network.
4.8
Amplifier block diagram
The block diagram of each voltage amplifier is shown in Figure 32. Regardless of production
spread, the current in each final stage is kept low, with enough margin on the minimum,
below which crossover distortion would appear.
Figure 31.
Classical output stage
Figure 32.
Amplifier block diagram
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28