전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STAMP0TR 데이터시트(PDF) 47 Page - STMicroelectronics

부품명 STAMP0TR
상세설명  Microphone array processor with TDM output and recombination for wide dynamic range microphones
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STAMP0TR 데이터시트(HTML) 47 Page - STMicroelectronics

Back Button STAMP0TR Datasheet HTML 43Page - STMicroelectronics STAMP0TR Datasheet HTML 44Page - STMicroelectronics STAMP0TR Datasheet HTML 45Page - STMicroelectronics STAMP0TR Datasheet HTML 46Page - STMicroelectronics STAMP0TR Datasheet HTML 47Page - STMicroelectronics STAMP0TR Datasheet HTML 48Page - STMicroelectronics STAMP0TR Datasheet HTML 49Page - STMicroelectronics STAMP0TR Datasheet HTML 50Page - STMicroelectronics STAMP0TR Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 62 page
background image
STAMP0
I²C registers
DocID028639 Rev 1
47/62
5.2.42
Interrupt masking 2 configuration register (reg. 0x29)
B7
B6
B5
B4
B3
B2
B1
B0
MSTUCK
1_PDM4
MSTUCK
0_PDM4
MSTUCK
1_PDM3
MSTUCK
0_PDM3
MSTUCK
1_PDM2
MSTUCK
0_PDM2
MSTUCK
1_PDM1
MSTUCK
0_PDM1
0
0
0
0
0
0
0
0
Bit
R/W
RST
Name
Description
7
R/W
0
MSTUCK1_PDM4
0: PDM4 stuck at 1 event is not masked
1: PDM4 stuck at 1 event is masked
6
R/W
0
MSTUCK0_PDM4
0: PDM4 stuck at 0 event is not masked
1: PDM4 stuck at 0 event is masked
5
R/W
0
MSTUCK1_PDM3
0: PDM3 stuck at 1 event is not masked
1: PDM3 stuck at 1 event is masked
4
R/W
0
MSTUCK0_PDM3
0: PDM3 stuck at 0 event is not masked
1: PDM3 stuck at 0 event is masked
3
R/W
0
MSTUCK1_PDM2
0: PDM2 stuck at 1 event is not masked
1: PDM2 stuck at 1 event is masked
2
R/W
0
MSTUCK0_PDM2
0: PDM2 stuck at 0 event is not masked
1: PDM2 stuck at 0 event is masked
1
R/W
0
MSTUCK1_PDM1
0: PDM1 stuck at 1 event is not masked
1: PDM1 stuck at 1 event is masked
0
R/W
0
MSTUCK0_PDM1
0: PDM1 stuck at 0 event is not masked
1: PDM1 stuck at 0 event is masked
5.2.43
Interrupt masking 3 configuration register (reg. 0x2A)
B7
B6
B5
B4
B3
B2
B1
B0
MSTUCK
1_PDM8
MSTUCK
0_PDM8
MSTUCK
1_PDM7
MSTUCK
0_PDM7
MSTUCK
1_PDM6
MSTUCK
0_PDM6
MSTUCK
1_PDM5
MSTUCK
0_PDM5
0
0
0
0
0
0
0
0
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62