전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TDA7266 데이터시트(PDF) 14 Page - STMicroelectronics

부품명 TDA7266
상세설명  7 7 W dual bridge amplifier
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7266 데이터시트(HTML) 14 Page - STMicroelectronics

Back Button TDA7266 Datasheet HTML 9Page - STMicroelectronics TDA7266 Datasheet HTML 10Page - STMicroelectronics TDA7266 Datasheet HTML 11Page - STMicroelectronics TDA7266 Datasheet HTML 12Page - STMicroelectronics TDA7266 Datasheet HTML 13Page - STMicroelectronics TDA7266 Datasheet HTML 14Page - STMicroelectronics TDA7266 Datasheet HTML 15Page - STMicroelectronics TDA7266 Datasheet HTML 16Page - STMicroelectronics TDA7266 Datasheet HTML 17Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
Symbol
Milimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
S1
1.9
2.6
0.075
0.102
Dia1
3.65
3.85
0.144
0.152
TDA7266
Multiwatt15 V package information
DS0184 - Rev 11
page 14/17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17